Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M2 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # RA4M2
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M2 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button RA4M2 Datasheet HTML 55Page - Renesas Technology Corp RA4M2 Datasheet HTML 56Page - Renesas Technology Corp RA4M2 Datasheet HTML 57Page - Renesas Technology Corp RA4M2 Datasheet HTML 58Page - Renesas Technology Corp RA4M2 Datasheet HTML 59Page - Renesas Technology Corp RA4M2 Datasheet HTML 60Page - Renesas Technology Corp RA4M2 Datasheet HTML 61Page - Renesas Technology Corp RA4M2 Datasheet HTML 62Page - Renesas Technology Corp RA4M2 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 93 page
background image
Table 2.30
IIC timing (2)
Setting of the SCL0_A, SDA0_A pins is not required with the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit
Test conditions
IIC
(Fast-mode+)
ICFER.FMPE = 1
SCL input cycle time
tSCL
6 (12) × tIICcyc +
240
ns
Figure 2.43
SCL input high pulse width
tSCLH
3 (6) × tIICcyc + 120 —
ns
SCL input low pulse width
tSCLL
3 (6) × tIICcyc + 120 —
ns
SCL, SDA rise time
tSr
120
ns
SCL, SDA fall time
tSf
20 × (external
pullup voltage/
5.5V)
120
ns
SCL, SDA input spike pulse
removal time
tSP
0
1 (4) × tIICcyc
ns
SDA input bus free time when
wakeup function is disabled
tBUF
3 (6) × tIICcyc + 120 —
ns
SDA input bus free time when
wakeup function is enabled
tBUF
3 (6) × tIICcyc + 4 ×
tPcyc + 120
ns
Start condition input hold time
when wakeup function is disabled
tSTAH
tIICcyc + 120
ns
START condition input hold time
when wakeup function is enabled
tSTAH
1 (5) × tIICcyc +
tPcyc + 120
ns
Restart condition input setup time
tSTAS
120
ns
Stop condition input setup time
tSTOS
120
ns
Data input setup time
tSDAS
tIICcyc + 30
ns
Data input hold time
tSDAH
0
ns
SCL, SDA capacitive load
Cb*1
550
pF
Note:
tIICcyc: IIC internal reference clock (IICφ) cycle, tPcyc: PCLKB cycle.
Note:
Values in parentheses apply when ICMR3.NF[1:0] is set to 11b while the digital filter is enabled with ICFER.NFE set to 1.
Note 1. Cb indicates the total capacity of the bus line.
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 59 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com