Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M2 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # RA4M2
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M2 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button RA4M2 Datasheet HTML 68Page - Renesas Technology Corp RA4M2 Datasheet HTML 69Page - Renesas Technology Corp RA4M2 Datasheet HTML 70Page - Renesas Technology Corp RA4M2 Datasheet HTML 71Page - Renesas Technology Corp RA4M2 Datasheet HTML 72Page - Renesas Technology Corp RA4M2 Datasheet HTML 73Page - Renesas Technology Corp RA4M2 Datasheet HTML 74Page - Renesas Technology Corp RA4M2 Datasheet HTML 75Page - Renesas Technology Corp RA4M2 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 93 page
background image
tVOFF
Vdet2
VCC
tdet
tdet
tLVD2
Td(E-A)
LVCMPCR.LVD2E
LVD2
Comparator output
LVD2CR0.CMPE
LVD2SR.MON
Internal reset signal
(active-low)
When LVD2CR0.RN = 0
When LVD2CR0.RN = 1
VLVH
tLVD2
Figure 2.59
Voltage detection circuit timing (Vdet2)
2.10
VBATT Characteristics
Table 2.42
Battery backup function characteristics
Conditions: VCC = AVCC0 = VCC_USB = 2.7 to 3.6 V, 2.7 ≤ VREFH0/VREFH ≤ AVCC0, VBATT = 1.65 to 3.6 V*1
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Voltage level for switching to battery backup
VDETBATT
2.50
2.60
2.70
V
Figure 2.60
Lower-limit VBATT voltage for power supply
switching caused by VCC voltage drop
VBATTSW
2.70
V
VCC-off period for starting power supply
switching
tVOFFBATT
200
µs
VBATT low voltage detection level
Vbattldet
1.8
1.9
2.0
V
Figure 2.61
Minimum VBATT down time
tBATTOFF
200
µs
Response delay
tBATTdet
200
µs
VBATT monitor operation stabilization
time (after VBATTMNSELR.VBATTMNSEL is
changed to 1)
td(E-A)
20
µs
VBATT current increase (when
VBATTMNSELR.VBATTMNSEL is 1 compared
to the case that VBATTMNSELR.VBATTMNSEL
is 0)
IVBATTSEL
140
350
nA
Note:
The VCC-off period for starting power supply switching indicates the period in which VCC is below the minimum value of the voltage
level for switching to battery backup (VDETBATT).
Note 1. Low CL crystal cannot be used below VBATT = 1.8 V.
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 72 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com