Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 47Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 48Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 49Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 50Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 51Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 52Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 53Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 54Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 101 page
background image
Table 2.28
SPI timing (2 of 2)
Conditions: High drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
High Speed/
Default
Symbol
VCC = 3.0 to 3.6 V, C = 15
pF
VCC = 2.7 to 3.6 V, C = 30
pF
Unit
Note
Min
Max
Min
Max
Data input hold time Master
High
Speed*1
tH
6.2
—
—
—
ns
Default*2
—
—
8
—
ns
Slave
 
2.5
—
2.5
—
ns
SSL setup time
Master
 
tLEAD
1
8
1
8
tSPcy
c
Slave
 
6
—
6
—
tTcyc
SSL hold time
Master
 
tLAG
1
8
1
8
tSPcy
c
Slave
 
6
—
6
—
tTcyc
TI SSP SS input
setup time
Slave
 
tTISS
2.5
—
2.8
—
ns
TI SSP SS input
hold time
Slave
 
tTISH
2.5
—
2.5
—
ns
TI SSP next-access
time
Slave
 
tTIND
2 × tTcyc +
SLNDL ×
tTcyc
—
2 × tTcyc +
SLNDL ×
tTcyc
—
ns
TI SSP master SS
output delay
Master
 
tTISSOD
—
8.9
—
8.9
ns
Data output delay
time
Master  High
Speed*1
tOD
—
4.6
—
—
ns
Default*2
—
—
—
7
ns
Slave 
High
Speed*1
—
14
—
—
ns
Default*2
—
—
—
21
ns
Data output hold
time
Master
 
tOH
0
—
0
—
ns
Slave
 
0
—
0
—
ns
Successive
transmission delay
time
Master
 
tTD
tSPcyc + 2 ×
tTcyc
8 × tSPcyc +
2 × tPcyc
tSPcyc + 2 ×
tTcyc
8 × tSPcyc +
2 × tPcyc
ns
Slave
 
tTcyc
—
tTcyc
—
ns
MOSI and MISO
rise and fall time
Output
 
tDr
—
5
—
5
ns
Input
 
tDf
—
1
—
1
µs
SSL rise and fall
time
Output
 
tSSLr
—
5
—
5
ns
Input
 
tSSLf
—
1
—
1
µs
Slave access time
Slave
 
tSA
—
20
—
20
ns
Slave output
release time
Slave
 
tREL
—
20
—
20
ns
Note:
tTcyc: PCLKA or SCISPICLK cycle.
Note 1. Must use pins that have a letter appended to their name, for instance _A, _B, _C, to indicate group membership. SPIA is instance
_B, SPIB is instance _A.
Note 2. All pins of group membership can be used.
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0150 Rev.1.50
Jul 2, 2025
Page 51 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com