Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 60Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 61Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 62Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 63Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 64Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 65Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 66Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 67Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 101 page
background image
Table 2.36
A/D conversion characteristics (Oversampling mode and Hybrid mode) (1)
Parameter
Min
Typ
Max
Unit
Test conditions
Oversampling
mode and
Hybrid mode
Analog input
voltage range
Single-ended input voltage
VREFL0
—
VREFH0
V
—
Differential input voltage*1
-VREFH0
—
+VREFH0 V
—
Resolution
—
—
16
bit
—
Oversampling
period
Oversampling mode
0.16
—
—
µs
● ADCLK: 50 MHz
● Sampling time: 3 ADCLK
● Successive
approximation time: 5
ADCLK
● Without disconnection
detection assist function
● Signal source impedance:
50 Ω or less
Hybrid mode*3
0.18
—
—
µs
● ADCLK: 50 MHz
● Sampling time: 4 ADCLK
● Successive
approximation time: 5
ADCLK
● Without disconnection
detection assist function
● Signal source impedance:
50 Ω or less
Digital filter
characteristics
*2
Sinc filter
Initial delay
—
22
—
/Fos
—
Group delay
—
11
—
—
Normalized
Cutoff
Frequency
—
0.033
—
Fin/Fos
—
Minimum
phase filter
Initial delay
—
22
—
/Fos
—
Group delay
—
2
—
—
Normalized
Cutoff
Frequency
—
0.116
—
Fin/Fos
—
Passband
ripple
—
<± 0.01 —
dB
—
Note:
Fos is oversampling frequency. When in Hybrid mode, Fos is 1/ (the sum of the oversampling periods of each analog channel
assigned to the scan group).
Note 1. Differential input voltage is (AINP - AINN)
● AINP is input voltage of ANx, and VREFL0 ≤ AINP ≤ VREFH0.
● AINN is input voltage of ANy, and VREFL0 ≤ AINN ≤ VREFH0.
(x = 2i, y = 2i +1, i = 0, 1, 2… (any integer))
Note 2. See Figure 2.50 and Figure 2.51.
Note 3. Value per channel.
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0150 Rev.1.50
Jul 2, 2025
Page 64 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com