Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 65Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 66Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 67Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 68Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 69Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 70Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 71Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 72Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 101 page
background image
Table 2.39
A/D conversion characteristics (Hybrid mode) (2 of 2)
Parameter
Min
Typ
Max
Unit
Test conditions
Hybrid mode
(AN000 to
AN005)
(AN006 to
AN011)
(AN018 to
AN019)*1
(AN012 to
AN017)*1
(AN020 to
AN028)*1
With
channel-
dedicated
sample-and-
hold circuits
Single-ended
input
Unit0 Offset error
—
8 ± 72
—
LSB
● ADCLK: 50 MHz
● Sampling time
of channel-dedicated
sample-and-hold
circuits: 20 ADCLK
● Hold mode switching
time of channel-
dedicated sample-and-
hold circuits: 2 ADCLK
● Sampling time: 9
ADCLK
● Successive
approximation time: 5
ADCLK
● Signal source
impedance: 50 Ω or
less
● Digital filter: Sinc filter
Gain error
—
-23 ± 72
—
DNL differential
nonlinearity error*2
—
±4.0
—
INL integral
nonlinearity error*2
—
±8.0
—
Unit1 Offset error
—
36 ± 72
—
Gain error
—
-23 ± 72
—
DNL differential
nonlinearity error*2
—
±4.0
—
INL integral
nonlinearity error*2
—
±8.0
—
Differential
input
Unit0 Offset error
—
8 ± 72
—
Gain error
—
-15 ± 36
—
DNL differential
nonlinearity error*2
—
±4.0
—
INL integral
nonlinearity error*2
—
±8.0
—
Unit1 Offset error
—
36 ± 72
—
Gain error
—
-15 ± 36
—
DNL differential
nonlinearity error*2
—
±4.0
—
INL integral
nonlinearity error*2
—
±8.0
—
Note 1. Channel-dedicated sample-and-hold circuits are not available in these channels.
Note 2. Test conditions: 0.2% to 99.8% of the analog input voltage range.
Table 2.40
A/D internal reference voltage characteristics
Parameter
Min
Typ
Max
Unit
Test conditions
A/D internal reference voltage
1.13
1.18
1.23
V
Sampling time
4.15
—
—
µs
Table 2.41
A/D conversion characteristics of D/A output
Parameter
Min
Typ
Max
Unit
Test conditions
Sampling time
1
—
—
µs
2.5
DAC12 Characteristics
Table 2.42
D/A conversion characteristics (1 of 2)
Parameter
Min
Typ
Max
Unit
Test conditions
Resolution
—
—
12
Bits
—
Without output amplifier
Absolute accuracy
—
—
±24
LSB
Resistive load 2 MΩ
INL
—
±2.0
±8.0
LSB
Resistive load 2 MΩ
DNL
—
±1.0
±2.0
LSB
—
Output impedance
—
8.5
—
kΩ
—
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0150 Rev.1.50
Jul 2, 2025
Page 69 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com