Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 8Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 9Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 10Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 11Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 12Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 13Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 14Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 15Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 101 page
background image
Table 1.13
Pin functions (3 of 3)
Function
Signal
I/O
Description
CANFD
CRX0
Input
Receive data
CTX0
Output
Transmit data
Analog power supply
AVCC0
Input
Analog voltage supply pin. This is used as the analog power supply
for the respective modules. Supply this pin with the same voltage as
the VCC pin.
AVSS0
Input
Analog ground pin. This is used as the analog ground for the
respective modules. Supply this pin with the same voltage as the
VSS pin.
VREFH0
Input
Analog reference voltage supply pin for the ADC. Connect this pin to
AVCC0 when not using the ADC.
VREFL0
Input
Analog reference ground pin for the ADC. Connect this pin to
AVSS0 when not using the ADC.
ADC
AN000 to AN028
Input
Input pins for the analog signals to be processed by the A/D
converter.
PGAIN0 to PGAIN3
Input
Pseudo-differential input pins of programmable gain amplifier (Signal
source side)
PGAVSS0 to PGAVSS3
Input
Pseudo-differential input pins of programmable gain amplifier
(reference ground side)
PGAOUT0 to PGAOUT3
Output
Monitor output pins of programmable gain amplifier
ADTRGm
Input
Input pins for the external trigger signals that start the A/D
conversion, active-low.
DAC12
DAn
Output
Output pins for the analog signals processed by the D/A converter.
ACMPHS
VCOUT
Output
Comparator output pin (OR output of all units)
CMPOUTm
Output
Comparator output pin (m:unit number)
CMPOUT012
Output
Comparator output pin (OR output of units 0, 1 and 2)
IVREF0, IVREF1
Input
Reference voltage input pins for comparator
IVCMPm0, IVCMPm2,
IVCMPm3
Input
Analog voltage input pins for comparator (m:unit number)
I/O ports
P201, P212, P213, PA08
to PA15, PB03 to PB10,
PB12 to PB15, PC06 to
PC12, PC14, PC15, PD00
to PD15, PE00 to PE06,
PE08 to PE15
I/O
General-purpose input/output pins
P000, P001, P002, PA00
to PA07, PB00 to PB02,
PC00 to PC05, PC13
Input
General-purpose input pins
RA6T2 Datasheet
1. Overview
R01DS0400EJ0150 Rev.1.50
Jul 2, 2025
Page 12 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com