Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 3Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 4Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 5Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 6Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 7Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 8Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 9Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 10Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 101 page
background image
# A A 0
R 7 F A 6 T 2 A D 3 C F P
Package type
FP: LQFP 100 pins
FM: LQFP 64 pins
FL: LQFP 48 pins
NB: QFN 64 pins
NE: QFN 48 pins
Quality Grade
Operating temperature
3: -40°C to 105°C
Code flash memory size
D: 512 KB
B: 256 KB
Group name
Series name
RA family
Flash memory
Renesas microcontroller
Packing
A: Tray
B: Tray (Full carton)
Production identification code
Terminal material (Pb-free)
A: Sn (Tin) only
Note: Check the order screen for each product on the Renesas website for valid symbols after the #.
Feature set
A: Supporting only Classical CAN
 
(Not supporting Flexible Data rate)
B: Supporting Classical CAN with Flexible Data rate
Figure 1.2
Part numbering scheme
Table 1.11
Product list (1 of 2)
Product part number
Package code
Code flash
Data
flash
SRAM
CAN-FD
Operating
temperature
R7FA6T2AD3CFP
PLQP0100KB-B
512 KB
16 KB
64 KB
Not support
-40 to +105°C
R7FA6T2AD3CFM
PLQP0064KB-C
R7FA6T2AD3CFL
PLQP0048KB-B
R7FA6T2AD3CNB
PWQN0064LB-A
R7FA6T2AD3CNE
PWQN0048KC-A
R7FA6T2AB3CFP
PLQP0100KB-B
256 KB
R7FA6T2AB3CFM
PLQP0064KB-C
R7FA6T2AB3CFL
PLQP0048KB-B
R7FA6T2AB3CNB
PWQN0064LB-A
R7FA6T2AB3CNE
PWQN0048KC-A
RA6T2 Datasheet
1. Overview
R01DS0400EJ0150 Rev.1.50
Jul 2, 2025
Page 7 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com