Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LGG3CNP Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # R7F100LGG3CNP
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LGG3CNP Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button R7F100LGG3CNP Datasheet HTML 31Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 32Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 33Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 34Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 35Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 36Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 37Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 38Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 148 page
background image
RL78/L23
1. Outline
R01DS0502EJ0110 Rev.1.10
Page 35 of 145
Oct 31, 2025
• 100-pin plastic LQFP (14 × 20 mm, 0.65-mm pitch)
Caution 1. Connect the EVSS pin to the same ground as the VSS pin.
Caution 2. Connect the REGC pin to VSS via a capacitor (0.47 to 1 µF).
Remark 1. For pin identification, see 1.4 Pin Identification.
Remark 2. When using the microcontroller for an application where the noise generated inside the microcontroller must be reduced,
it is recommended to connect the VSS and EVSS pins to separate ground lines.
Remark 3. Functions in parentheses can be assigned via settings in the peripheral I/O redirection registers (PIORx). For details, see
4.3.10 Peripheral I/O redirection registers (PIORx) in the RL78/L23 User’s Manual.
P46/SEG26/SI31/SDA31/(SCK21)/(SCL21)/(SCL01)/(SCK01)
P45/IVREF0/TxDA2/SCK30/SCL30/EXSDO0
P44/IVCMP0/RxDA2/SI30/SDA30/RxD3/EXSDO1/(TI04)/(TO04)/(INTP7)/(SCK11)/(SCL11)
P43/IVCMP1/SO30/TxD3/(TI05)/(TO05)/(INTP4)/(RxDA1)/(SI11)/(SDA11)
P42/TI05/TO05/IVREF1/TRJO0/(INTP7)/(TxDA1)/(SCLA0)/(RxD0)/(TxD1)/(SI00)/(SDA00)/(SO10)/(SO11)/(PCLBUZ1)
P41/(TI07)/(TO07)/(INTP6)/(TxD0)/(RxDA3)/(SDAA0)/(SO00)/(SI10)/(SDA10)/(RxD1)
P66/(TI05)/(TO05)/(INTP1)/(SCK10)/(SCL10)/(TxDA3)
P67/(INTP2)/(TI01)/(TO01)
P40/TOOL0/(TI00)/(TO00)/(SCK00)/(SCL00)
RESET
P124/XT2/EXCLKS
P123/XT1
P137/INTP0/EI137
P122/X2/EXCLK/EI122
P121/X1/VBAT0/EI121
REGC
VSS
VDD
RL78/L23
(Top View)
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
P80/(INTP2)/(SCK20)/(SCL20)
P04/SEG47/VCOUT1/TS35/(INTP6)/(SO20)/(TxD2)/(PCLBUZ0)
P05/SCK10/SCL10/SEG48/TS34/EO05
P06/SI10/RxD1/SDA10/SEG49/TS33/EI06/(PCLBUZ1)
P07/SO10/TxD1/SEG50/TS32/EI07/(PCLBUZ0)
P81/(RxD1)/(SI10)/(SDA10)
P82/(SCK10)/(SCL10)/(PCLBUZ0)
P90/COM0/TS31/(TI00)/(TO00)/(INTP1)
P91/COM1/TS30/(INTP2)
P92/COM2/TS29/(TI01)/(TO01)
P93/COM3/TS28/(INTP3)/(SCK01)/(SCL01)
P94/COM4/SEG0/TS27/(INTP2)/(SI01)/(SDA01)/(TI06)/(TO06)
P95/COM5/SEG1/TS26/(TI02)/(TO02)/(INTP1)/(SO01)
P96/COM6/SEG2/TS25/(INTP5)/(SI01)/(SDA01)/(SDAA1)/(PCLBUZ0)
P97/COM7/SEG3/TS24/(TI05)/(TO05)/(SCK01)/(SCL01)/(SCLA1)
P50/SEG4/TS23/TxDA3
P51/SEG5/TS22/RxDA3/(INTP6)
P52/TI00/TO00/INTP1/SEG6/TS21/SO01/(PCLBUZ1)
P53/INTP2/SEG7/TS20/SI01/SDA01/(TI07)/(TO07)/(PCLBUZ0)
P54/TI02/TO02/SEG8/TS19/SCK01/SCL01/(INTP0)/(PCLBUZ0)
16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
P60/SCLA0/CCD04/EO60/(TI01)/(TO01)/(INTP3)
P61/SDAA0/CCD05/EO61/(TI02)/(TO02)/(INTP4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com