Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LGG3CNP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R7F100LGG3CNP
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LGG3CNP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R7F100LGG3CNP Datasheet HTML 2Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 3Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 4Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 5Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 6Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 7Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 8Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 9Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 148 page
background image
RL78/L23
1. Outline
R01DS0502EJ0110 Rev.1.10
Page 6 of 145
Oct 31, 2025
Note
For the fields of application, see Figure 1 - 1 Part Number, Memory Size, and Package of RL78/L23.
Table 1 - 1
List of Ordering Part Numbers
Pin count
Package
Fields of
Application
Note
Ordering Part Number
Renesas Code
Product Name
Packaging
Specification
44
44-pin plastic LQFP
(10 × 10 mm, 0.80-mm pitch)
C
R7F100LFL3CFP, R7F100LFJ3CFP,
R7F100LFG3CFP, R7F100LFE3CFP
#BA0, #UA0,
#HA0
PLQP0044GC-A
48
48-pin plastic LFQFP
(7 × 7 mm, 0.50-mm pitch)
C
R7F100LGL3CFB, R7F100LGJ3CFB,
R7F100LGG3CFB, R7F100LGE3CFB
#BA0, #UA0,
#HA0
PLQP0048KB-B
48-pin plastic HWQFN
(7 × 7 mm, 0.50-mm pitch)
C
R7F100LGL3CNP, R7F100LGJ3CNP,
R7F100LGG3CNP, R7F100LGE3CNP
#BA0, #UA0,
#HA0
PWQN0048KC-A
52
52-pin plastic LQFP
(10 × 10 mm, 0.65-mm pitch)
C
R7F100LJL3CFA, R7F100LJJ3CFA,
R7F100LJG3CFA, R7F100LJE3CFA
#BA0, #UA0,
#HA0
PLQP0052JA-A
64
64-pin plastic LQFP
(12 × 12 mm, 0.65-mm pitch)
C
R7F100LLL3CFA, R7F100LLJ3CFA,
R7F100LLG3CFA, R7F100LLE3CFA
#BA0, #UA0,
#HA0
PLQP0064JB-A
64-pin plastic LFQFP
(10 × 10 mm, 0.50-mm pitch)
C
R7F100LLL3CFB, R7F100LLJ3CFB,
R7F100LLG3CFB, R7F100LLE3CFB
#BA0, #UA0,
#HA0
PLQP0064KB-C
80
80-pin plastic LQFP
(14 × 14 mm, 0.65-mm pitch)
C
R7F100LML3CFA, R7F100LMJ3CFA,
R7F100LMG3CFA
#BA0, #UA0,
#HA0
PLQP0080JA-B
80-pin plastic LFQFP
(12 × 12 mm, 0.50-mm pitch)
C
R7F100LML3CFB, R7F100LMJ3CFB,
R7F100LMG3CFB
#BA0, #UA0,
#HA0
PLQP0080KB-B
100
100-pin plastic LFQFP
(14 × 14 mm, 0.50-mm pitch)
C
R7F100LPL3CFB, R7F100LPJ3CFB,
R7F100LPG3CFB
#BA0, #UA0,
#HA0
PLQP0100KB-B
100-pin plastic LQFP
(14 × 20 mm, 0.65-mm pitch)
C
R7F100LPL3CFA, R7F100LPJ3CFA,
R7F100LPG3CFA
#BA0, #UA0,
#HA0
PLQP0100JC-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com