Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LGG3CNP Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R7F100LGG3CNP
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LGG3CNP Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R7F100LGG3CNP Datasheet HTML 69Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 70Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 71Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 72Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 73Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 74Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 75Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 76Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 73 of 145
Oct 31, 2025
(TA = -40 to +105°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
(2/3)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
Self-programming
operating current
IFSP
Notes 1, 15
2.5
12.2
mA
Data flash rewrite
operating current
IBGO
Notes 1, 16
2.5
12.2
mA
SNOOZE mode
sequencer
operating current
ISMS
Notes 1, 17
fIH =
32 MHz
44- to 64-pin products with 64- to 128-Kbyte code flash
memory
1.1
mA
44- to 64-pin products with 256- to 512-Kbyte code flash
memory and 80- to 100-pin products
1.5
mA
fIL =
32.768 kHz
44- to 64-pin products with 64- to 128-Kbyte code flash
memory
1.2
µA
44- to 64-pin products with 256- to 512-Kbyte code flash
memory and 80- to 100-pin products
1.6
µA
SNOOZE
operating current
ISNOZ
Note 1
fIH =
32 MHz
ADC is in
use
The ADC is shifting from the STOP mode
to the SNOOZE mode.Note 18
0.6
0.81
mA
The ADC is operating in the low-voltage
mode.
AVREFP = VDD = 3.0 V
1.2
1.56
mA
Simplified SPI (CSI)/UART is in use
0.7
0.92
mA
SMSNote 19 44- to 64-pin products with 64- to 128-
Kbyte code flash memory
1.6
mA
44- to 64-pin products with 256- to 512-
Kbyte code flash memory and 80- to 100-
pin products
2.0
mA
Low-speed
peripheral clock
supply current
ISXP
Notes 1, 20
RTCLPC = 0
0.22
µA
Output current
control operating
current
ICCDA
Notes 1, 21
The setting of the CCDE register is not 00H.
100
µA
ICCDP
Notes 22, 23
Per single controlled
current drive port pin
Setting of the low-level output current: Hi-Z
30
µA
Setting of the low-level output current: 2 to
15 mA
200
µA
Operating current
of the true random
number generator
ITRNG
Note 1
1.1
mA
<R>
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com