Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LGG3CNP Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # R7F100LGG3CNP
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LGG3CNP Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button R7F100LGG3CNP Datasheet HTML 91Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 92Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 93Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 94Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 95Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 96Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 97Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 98Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 95 of 145
Oct 31, 2025
Note 3.
The smaller maximum transfer rate derived by using fMCK/6 or the following expression is the valid maximum transfer rate.
Expression for calculating the transfer rate when 2.7 V ≤ VDD < 4.0 V and 2.3 V ≤ Vb ≤ 2.7 V
Note 4.
This rate is calculated as an example when the conditions described in the Conditions column are met. See Note 3 above to
calculate the maximum transfer rate under conditions of the customer.
Note 5.
Use this rate with VDD ≥ Vb.
Note 6.
The smaller maximum transfer rate derived by using fMCK/6 or the following expression is the valid maximum transfer rate.
Expression for calculating the transfer rate when 1.8 V ≤ VDD < 3.3 V and 1.6 V ≤ Vb ≤ 2.0 V
Note 7.
This rate is calculated as an example when the conditions described in the Conditions column are met. See Note 6 above to
calculate the maximum transfer rate under conditions of the customer.
Caution
Select the TTL input buffer for the RxDq pin, and the N-ch open-drain output (withstand voltage of VDD) mode for
the TxDq pin by using the port input mode register (PIMg) and port output mode register (POMg). For VIH and VIL,
see the DC characteristics with the TTL input buffer selected.
Maximum transfer rate =
1
[bps]
Baud rate error (theoretical value) =
1
Transfer rate
× 2
-
(
)
× Number of transferred bits
1
Transfer rate
× 100 [%]
{-Cb
× Rb × In (1 -
)}
× 3
2.0
Vb
{-Cb
× Rb × In (1 -
)}
2.0
Vb
* This value is the theoretical value of the relative difference
between the transmission and reception sides.
Maximum transfer rate =
1
[bps]
Baud rate error (theoretical value) =
1
Transfer rate
× 2
-
(
)
× Number of transferred bits
1
Transfer rate
× 100 [%]
{-Cb
× Rb × In (1 -
)}
× 3
1.5
Vb
{-Cb
× Rb × In (1 -
)}
1.5
Vb
* This value is the theoretical value of the relative difference
between the transmission and reception sides.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com