Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LGG3CNP Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # R7F100LGG3CNP
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LGG3CNP Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button R7F100LGG3CNP Datasheet HTML 44Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 45Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 46Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 47Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 48Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 49Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 50Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 51Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 48 of 145
Oct 31, 2025
2.1
Absolute Maximum Ratings
Note 1. Connect the REGC pin to VSS via a capacitor (0.47 to 1 µF). The listed value is the absolute maximum rating of the REGC
pin. Only use the capacitor connection. Do not apply a specific voltage to this pin.
Note 2. This voltage must be no higher than 6.5 V.
Note 3. The voltage on a pin in use for A/D conversion must not exceed AVREFP +0.3.
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameter.
That is, the absolute maximum ratings are rated values at which the product is on the verge of suffering physical
damage, and therefore the product must be used under conditions that ensure that the absolute maximum
ratings are not exceeded.
Remark 1. The characteristics of functions multiplexed on a given pin are the same as those for the port pin unless otherwise
specified.
Remark 2. AVREFP refers to the positive reference voltage of the A/D converter.
Remark 3. The reference voltage is VSS.
(1/2)
Item
Symbols
Conditions
Ratings
Unit
Supply voltage
VDD
-0.5 to +6.5
V
EVSS
-0.5 to +0.3
V
REGC pin input voltage
VIREGC
REGC
-0.3 to +2.1
and -0.3 to VDD +0.3Note 1
V
Input voltage
VI1
P00 to P07, P10 to P17, P22 to P27,
P30 to P35, P40 to P47, P50 to P57,
P64 to P67, P70 to P77, P80 to P87,
P90 to P97, P125 to P127, P140 to P147
-0.3 to VDD +0.3Note 2
V
VI2
P60 to P63 (N-ch open-drain)
-0.3 to +6.5
V
VI3
P20, P21, P121 to P124, P137, EXCLK,
EXCLKS, RESET
-0.3 to VDD +0.3Note 2
V
Output voltage
VO1
P00 to P07, P10 to P17, P22 to P27,
P30 to P35, P40 to P47, P50 to P57,
P64 to P67, P70 to P77, P80 to P87,
P90 to P97, P125 to P127, P140 to P147
-0.3 to VDD +0.3Note 2
V
VO2
P20, P21, P121, P122
-0.3 to VDD +0.3Note 2
V
Analog input voltage
VAI1
ANI16 to ANI26
-0.3 to VDD +0.3
and -0.3 to AVREFP +0.3Notes 2, 3
V
VAI2
ANI0, ANI1
-0.3 to VDD +0.3
and -0.3 to AVREFP +0.3Notes 2, 3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com