Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LGG3CNP Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # R7F100LGG3CNP
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LGG3CNP Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button R7F100LGG3CNP Datasheet HTML 41Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 42Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 43Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 44Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 45Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 46Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 47Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 48Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 148 page
background image
RL78/L23
1. Outline
R01DS0502EJ0110 Rev.1.10
Page 45 of 145
Oct 31, 2025
Serial interfaces
[44-pin products]
• Simplified SPI (CSI): 2 channelsNote 4/simplified I2C: 2 channelsNote 4/UART: 1 channel
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART: 1 channel
• Simplified SPI (CSI): 1 channel/simplified I2C: 1 channel/UART (UART supporting LIN-bus):
1 channel
• Simplified I2C: 1 channelNote 4
[48-pin products]
• Simplified SPI (CSI): 2 channelsNote 4/simplified I2C: 2 channelsNote 4/UART: 1 channel
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART: 1 channel
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART (UART supporting LIN-
bus): 1 channel
• Simplified I2C: 1 channel
[52-pin products]
• Simplified SPI (CSI): 2 channelsNote 4/simplified I2C: 2 channels/UART: 1 channel
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART: 1 channel
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART (UART supporting LIN-
bus): 1 channel
• Simplified SPI (CSI): 1 channel/simplified I2C: 1 channel/UART: 1 channel
[64- and 80-pin products]
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART: 1 channel
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART: 1 channel
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART (UART supporting LIN-
bus): 1 channel
• Simplified SPI (CSI): 2 channelsNote 4/simplified I2C: 2 channelsNote 4/UART: 1 channel
[100-pin products]
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART: 1 channel
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART: 1 channel
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART (UART supporting LIN-
bus): 1 channel
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART: 1 channel
UARTA
2 channels
Products with 256 or 512 Kbytes of flash
memory: 3 channels
Products with 64 or 128 Kbytes of flash
memory: 2 channels
4 channels
I2C bus
2 channels
Data transfer controller (DTC)
48 sources (44- and 48-pin products with 64 to 128 Kbytes of flash memory)
49 sources (52- and 64-pin products with 64 to 128 Kbytes of flash memory)
51 sources (44-pin products with 256 to 512 Kbytes of flash memory)
53 sources (48-pin products with 256 to 512 Kbytes of flash memory)
54 sources (52- and 64-pin products with 256 to 512 Kbytes of flash memory)
56 sources (80- and 100-pin products with 128 to 512 Kbytes of flash memory)
Logic and event link controller (ELCL)
1
SNOOZE mode sequencer (SMS)
1
Capacitive sensing unit
16
18
20
25
34
36
LCD controller/driver
Internal boosting, capacitive division, and external resistor division are switchable as methods
of generating the driving voltage.
Segment signal
outputs × common
signal outputs
19 seg × 4 com
17 seg × 6 com
15 seg × 8 com
22 seg × 4 com
20 seg × 6 com
18 seg × 8 com
25 seg × 4 com
23 seg × 6 com
21 seg × 8 com
34 seg × 4 com
32 seg × 6 com
30 seg × 8 com
49 seg × 4 com
47 seg × 6 com
45 seg × 8 com
56 seg × 4 com
54 seg × 6 com
52 seg × 8 com
Vectored
interrupt
sources
Internal
47
49
50
50
52
52
External
9
9999
9
Key interrupt
2
3458
8
(3/4)
Item
44-pin
48-pin
52-pin
64-pin
80-pin
100-pin
R7F100LFx
R7F100LGx
R7F100LJx
R7F100LLx
R7F100LMx
R7F100LPx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com