Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853S12 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS853S12
Description  LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS853S12 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS853S12 Datasheet HTML 1Page - Renesas Technology Corp ICS853S12 Datasheet HTML 2Page - Renesas Technology Corp ICS853S12 Datasheet HTML 3Page - Renesas Technology Corp ICS853S12 Datasheet HTML 4Page - Renesas Technology Corp ICS853S12 Datasheet HTML 5Page - Renesas Technology Corp ICS853S12 Datasheet HTML 6Page - Renesas Technology Corp ICS853S12 Datasheet HTML 7Page - Renesas Technology Corp ICS853S12 Datasheet HTML 8Page - Renesas Technology Corp ICS853S12 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
IDT™ / ICS™ LVPECL FANOUT BUFFER
3
ICS853S12AKI REV. A MAY 21, 2008
ICS853S12I
LOW SKEW, 1-TO-12, DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
CC = 3.3V±5%, VEE = 0V, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
e
v
i
t
i
s
o
P
5
3
1
.
33
.
35
6
4
.
3V
I
E
E
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
7
3
1A
m
Supply Voltage, V
CC
4.6V
Inputs, V
I
-0.5V to V
CC + 0.5V
Outputs, I
O
Continuous Current
50mA
Surge Current
100mA
Package Thermal Impedance,
θ
JA
For 32 Lead VFQFN
42.7°C/W (0 mps)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses
beyond
those
listed
under
Absolute
Maximum Ratings may cause permanent damage to the
device. These ratings are stress specifications only. Func-
tional operation of product at these conditions or any con-
ditions beyond those listed in the
DC Characteristics
or
AC Characteristics is not implied. Exposure to abso-
lute maximum rating conditions for extended periods may
affect product reliability.
ABSOLUTE MAXIMUM RATINGS
TABLE 4B. POWER SUPPLY DC CHARACTERISTICS, V
CC = 2.5V±5%, VEE = 0V, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
e
v
i
t
i
s
o
P
5
7
3
.
25
.
25
2
6
.
2V
I
E
E
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
0
3
1A
m
TABLE 4C. LVPECL DC CHARACTERISTICS, V
CC = 3.3V±5%
OR
2.5V±5%, V
EE = 0V,
TA = -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
K
L
C
PV
C
C
V
=
N
I
V
5
2
6
.
2
r
o
V
5
6
4
.
3
=0
5
1A
µ
K
L
C
P
nV
C
C
V
=
N
I
V
5
2
6
.
2
r
o
V
5
6
4
.
3
=0
1A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
K
L
C
P
V
C
C
,
V
5
2
6
.
2
r
o
V
5
6
4
.
3
=
V
N
I
V
0
=
0
1
-A
µ
K
L
C
P
n
V
C
C
,
V
5
2
6
.
2
r
o
V
5
6
4
.
3
=
V
N
I
V
0
=
0
5
1
-A
µ
V
P
P
e
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
P
3
.
00
.
1V
V
R
M
C
;
e
g
a
t
l
o
V
t
u
p
n
I
e
d
o
M
n
o
m
m
o
C
2
,
1
E
T
O
N
V
E
E
5
.
1
+V
C
C
V
V
H
O
3
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OV
C
C
3
.
1
-V
C
C
8
.
0
-V
V
L
O
3
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OV
C
C
0
.
2
-V
C
C
6
.
1
-V
V
G
N
I
W
S
g
n
i
w
S
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
-
o
t
-
k
a
e
P
6
.
00
.
1V
V
s
i
K
L
C
P
n
,
K
L
C
P
r
o
f
e
g
a
t
l
o
v
t
u
p
n
i
m
u
m
i
x
a
m
e
h
t
,
s
n
o
i
t
a
c
il
p
p
a
d
e
d
n
e
e
l
g
n
i
s
r
o
F
:
1
E
T
O
N
C
C
.
V
3
.
0
+
V
s
a
d
e
n
i
f
e
d
s
i
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
:
2
E
T
O
N
H
I .
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
3
E
T
O
N
Ω
V
o
t
C
C
.
V
2
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com