Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853S12 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS853S12
Description  LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS853S12 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS853S12 Datasheet HTML 1Page - Renesas Technology Corp ICS853S12 Datasheet HTML 2Page - Renesas Technology Corp ICS853S12 Datasheet HTML 3Page - Renesas Technology Corp ICS853S12 Datasheet HTML 4Page - Renesas Technology Corp ICS853S12 Datasheet HTML 5Page - Renesas Technology Corp ICS853S12 Datasheet HTML 6Page - Renesas Technology Corp ICS853S12 Datasheet HTML 7Page - Renesas Technology Corp ICS853S12 Datasheet HTML 8Page - Renesas Technology Corp ICS853S12 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
IDT™ / ICS™ LVPECL FANOUT BUFFER
5
ICS853S12AKI REV. A MAY 21, 2008
ICS853S12I
LOW SKEW, 1-TO-12, DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
ADDITIVE PHASE JITTER
Additive Phase Jitter
622MHz (12kHz to 20MHz) = 0.06ps typical
The spectral purity in a band at a specific offset from the
fundamental compared to the power of the fundamental is called
the
dBc Phase Noise. This value is normally expressed using a
Phase noise plot and is most often the specified plot in many
applications. Phase noise is defined as the ratio of the noise power
present in a 1Hz band at a specified offset from the fundamental
frequency to the power value of the fundamental. This ratio is
expressed in decibels (dBm) or a ratio of the power in the 1Hz
As with most timing specifications, phase noise measurements
has issues relating to the limitations of the equipment. Often the
noise floor of the equipment is higher than the noise floor of the
band to the power in the fundamental. When the required offset
is specified, the phase noise is called a
dBc value, which simply
means dBm at a specified offset from the fundamental. By
investigating jitter in the frequency domain, we get a better
understanding of its effects on the desired application over the
entire time record of the signal. It is mathematically possible to
calculate an expected bit error rate given a phase noise plot.
device. This is illustrated above. The device meets the noise floor
of what is shown, but can actually be lower. The phase noise is
dependent on the input source and measurement equipment.
OFFSET FROM CARRIER FREQUENCY (HZ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com