Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853S12 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS853S12
Description  LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS853S12 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS853S12 Datasheet HTML 8Page - Renesas Technology Corp ICS853S12 Datasheet HTML 9Page - Renesas Technology Corp ICS853S12 Datasheet HTML 10Page - Renesas Technology Corp ICS853S12 Datasheet HTML 11Page - Renesas Technology Corp ICS853S12 Datasheet HTML 12Page - Renesas Technology Corp ICS853S12 Datasheet HTML 13Page - Renesas Technology Corp ICS853S12 Datasheet HTML 14Page - Renesas Technology Corp ICS853S12 Datasheet HTML 15Page - Renesas Technology Corp ICS853S12 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
IDT™ / ICS™ LVPECL FANOUT BUFFER
12
ICS853S12AKI REV. A MAY 21, 2008
ICS853S12I
LOW SKEW, 1-TO-12, DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS853S12I.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS853S12I is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
CC
= 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
• Power (core)
MAX
= V
CC_MAX
* I
EE_MAX
= 3.465V * 137mA = 474.7mW
• Power (outputs)
MAX
= 32mW/Loaded Output pair
If all outputs are loaded, the total power is 12 * 32mW = 384mW
Total Power
_MAX
(3.465V, with all outputs switching) = 474.7mW + 384mW = 858.7mW
2.
Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the
device. The maximum recommended junction temperature for HiPerClockS
TM devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming no
air flow and a multi-layer board, the appropriate value is 42.7°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.859W * 42.7°C/W = 121.7°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow,
and the type of board (single layer or multi-layer).
θθθθθ
JA
vs. Air Flow (Meter per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
42.7°C/W
37.3°C/W
33.5°C/W
TABLE 6. THERMAL RESISTANCE
θθθθθ
JA
FOR
32 LEAD VFQFN, FORCED CONVECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com