Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853S12 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS853S12
Description  LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS853S12 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS853S12 Datasheet HTML 2Page - Renesas Technology Corp ICS853S12 Datasheet HTML 3Page - Renesas Technology Corp ICS853S12 Datasheet HTML 4Page - Renesas Technology Corp ICS853S12 Datasheet HTML 5Page - Renesas Technology Corp ICS853S12 Datasheet HTML 6Page - Renesas Technology Corp ICS853S12 Datasheet HTML 7Page - Renesas Technology Corp ICS853S12 Datasheet HTML 8Page - Renesas Technology Corp ICS853S12 Datasheet HTML 9Page - Renesas Technology Corp ICS853S12 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
IDT™ / ICS™ LVPECL FANOUT BUFFER
6
ICS853S12AKI REV. A MAY 21, 2008
ICS853S12I
LOW SKEW, 1-TO-12, DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
PARAMETER MEASUREMENT INFORMATION
DIFFERENTIAL INPUT LEVEL
OUTPUT LOAD 2.5V AC TEST CIRCUIT
OUTPUT LOAD 3.3V AC TEST CIRCUIT
PART-TO-PART SKEW
OUTPUT RISE/FALL TIME
nQx
Qx
nQy
Qy
PART 1
PART 2
tsk(pp)
V
CMR
Cross Points
V
PP
V
EE
V
CC
20%
80%
80%
20%
tR
t F
VSWING
t
PD
SCOPE
Qx
nQx
LVPECL
V
EE
2V
V
CC
nPCLK
PCLK
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
PROPAGATION DELAY
-1.3V ± 0.165V
SCOPE
Qx
nQx
LVPECL
V
EE
2V
V
CC
-0.5V ± 0.125V
PCLK
nPCLK
Q0:Q11
nQ0:nQ11
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
Q0:Q11
nQ0:nQ11
OUTPUT SKEW
tsk(o)
nQx
Qx
nQy
Qy
Q0:Q11
nQ0:nQ11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com