Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9529200000 Datasheet(PDF) 2 Page - Weidmuller

Part # 9529200000
Description  KLIPPON K41 RAL7001
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

9529200000 Datasheet(HTML) 2 Page - Weidmuller

  9529200000 Datasheet HTML 1Page - Weidmuller 9529200000 Datasheet HTML 2Page - Weidmuller 9529200000 Datasheet HTML 3Page - Weidmuller 9529200000 Datasheet HTML 4Page - Weidmuller 9529200000 Datasheet HTML 5Page - Weidmuller 9529200000 Datasheet HTML 6Page - Weidmuller 9529200000 Datasheet HTML 7Page - Weidmuller 9529200000 Datasheet HTML 8Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data sheet
KLIPPON K41 RAL7001
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Approvals
 
Approvals
ROHS
Conform
UL File Number Search
UL Website
Certificate no. (cULus)
E197061
 
Dimensions and weights
 
Depth
81 mm
Depth (inches)
3.189 inch
Height
120 mm
Height (inches)
4.7244 inch
Width
122 mm
Width (inches)
4.8031 inch
Mounting dimension - height
82 mm
Mounting dimension - width
106 mm
Net weight
955 g
 
Temperatures
 
Operating temperature
-40 °C...80 °C
 
Environmental Product Compliance
 
RoHS Compliance Status
Compliant without exemption
REACH SVHC
No SVHC above 0.1 wt%
 
Cable glands, left
 
M12
4
M16
4
M32
1
M25
1
M20
2
 
Cable glands, right
 
M25
1
M16
4
M32
1
M20
2
M12
4
 
Cable glands, top/bottom
 
M20
3
M12
6
M32
1
M25
2
M16
6
 
Certificate numbers enclosure
 
Declaration of Conformatiy No. (DoC
LVD)
DE PS2410 160412
001ISS03
Certificate No. (DNV)
TAE00002SM
Approval conditions
cULus, RMRS, DNV
Certificate no. (cULus)
E197061
 
General information
 
Material thickness of cover
4 mm
Material thickness of enclosure
4.5 mm
Operating temperature, max.
80 °C
Operating temperature, min.
-40 °C
 
Creation date 18.02.2026 11:47:15 MEZ
 
Catalogue status / Drawings
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com