Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9529200000 Datasheet(PDF) 7 Page - Weidmuller

Part # 9529200000
Description  KLIPPON K41 RAL7001
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

9529200000 Datasheet(HTML) 7 Page - Weidmuller

  9529200000 Datasheet HTML 1Page - Weidmuller 9529200000 Datasheet HTML 2Page - Weidmuller 9529200000 Datasheet HTML 3Page - Weidmuller 9529200000 Datasheet HTML 4Page - Weidmuller 9529200000 Datasheet HTML 5Page - Weidmuller 9529200000 Datasheet HTML 6Page - Weidmuller 9529200000 Datasheet HTML 7Page - Weidmuller 9529200000 Datasheet HTML 8Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data sheet
KLIPPON K41 RAL7001
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Accessories
 
Mounting support
We offer a broad portfolio of mounting support for easy
handling and supplementation of our products. From
various tools to insulating sleeves and various screws, our
components are matched to each other down to the last
detail and thus facilitate assembly in compliance with the
respective standards and protective regulations.
General ordering data
Type
FKSC M5X8 D9/SW2.5
Version
Order No.
0295900000
GTIN (EAN) 4008190133337
Qty.
50 ST
SAK Series, Allen hex screw, Screws, Number of poles: 1
TS 15
The system accessories for the Klippon® K enclosure
series allows you to easily adapt the enclosures to meet
the specific requirements of every application.
• DIN Rails TS 35 and TS15
• Mounting plates
• Hinges
• Wall-mounted holder
Weidmüller can manufacture and supply this enclosure
- according to customer specifications - fitted with all
necessary terminals and cable glands.
General ordering data
Type
TS15X5 ST K41
Version
Order No.
8898030000
GTIN (EAN) 4032248648788
Qty.
20 ST
Rail, TS 15, Width: 106 mm, with slot, Steel, galvanic zinc plated and
passivated
Depth 7.5 mm
The system accessories for the Klippon® K enclosure
series allows you to easily adapt the enclosures to meet
the specific requirements of every application.
• DIN Rails TS 35 and TS15
• Mounting plates
• Hinges
• Wall-mounted holder
Weidmüller can manufacture and supply this enclosure
- according to customer specifications - fitted with all
necessary terminals and cable glands.
General ordering data
Type
TS35X7.5 ST K41
Version
Order No.
8000003439
GTIN (EAN) 4050118652628
Qty.
20 ST
Rail, TS 35, TS 35 x 7.5, Width: 105 mm, without slot, Steel, galvanic
zinc plated and passivated
 
Creation date 18.02.2026 11:47:15 MEZ
 
Catalogue status / Drawings
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com