Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9529200000 Datasheet(PDF) 6 Page - Weidmuller

Part # 9529200000
Description  KLIPPON K41 RAL7001
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

9529200000 Datasheet(HTML) 6 Page - Weidmuller

  9529200000 Datasheet HTML 1Page - Weidmuller 9529200000 Datasheet HTML 2Page - Weidmuller 9529200000 Datasheet HTML 3Page - Weidmuller 9529200000 Datasheet HTML 4Page - Weidmuller 9529200000 Datasheet HTML 5Page - Weidmuller 9529200000 Datasheet HTML 6Page - Weidmuller 9529200000 Datasheet HTML 7Page - Weidmuller 9529200000 Datasheet HTML 8Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data sheet
KLIPPON K41 RAL7001
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Accessories
 
Type
SP M6 20 MSZN
Version
Order No.
3896200000
GTIN (EAN) 4008190850234
Qty.
2 ST
Klippon EB (Essential Box), Spacer, Height: 11.2 mm, Width: 10 mm,
Depth: 20 mm, Basic material: Steel, silver
Type
SP M6 30 MSZN
Version
Order No.
3896300000
GTIN (EAN) 4008190850241
Qty.
2 ST
Klippon EB (Essential Box), Spacer, Height: 11.2 mm, Width: 10 mm,
Depth: 30 mm, Basic material: Steel, silver
Depth 7.5 mm
The system accessories for the Klippon® K enclosure
series allows you to easily adapt the enclosures to meet
the specific requirements of every application.
• DIN Rails TS 35 and TS15
• Mounting plates
• Hinges
• Wall-mounted holder
Weidmüller can manufacture and supply this enclosure
- according to customer specifications - fitted with all
necessary terminals and cable glands.
General ordering data
Type
TS35 105 KLIPPON K41/PO… Version
Order No.
1910070000
GTIN (EAN) 4032248536986
Qty.
1 ST
Rail, TS 35, TS 35 x 7.5, Width: 105 mm, without slot, Steel,
galvanized, chromium-plated
Klippon® K - Wall-mounted holder
The system accessories for the Klippon® K enclosure
series allows you to easily adapt the enclosures to meet
the specific requirements of every application.
• DIN Rails TS 35 and TS15
• Mounting plates
• Hinges
• Wall-mounted holder
Weidmüller can manufacture and supply this enclosure
- according to customer specifications - fitted with all
necessary terminals and cable glands.
General ordering data
Type
KLIPPON K MF KIT 25
Version
Order No.
9527590000
GTIN (EAN) 4032248014071
Qty.
1 ST
Klippon K (aluminium empty enclosure), Mounting foot, Fixing lugs,
Height: 70 mm, Width: 33.5 mm, Depth: 12 mm, Basic material:
Stainless steel 1.4301, silver
 
Creation date 18.02.2026 11:47:15 MEZ
 
Catalogue status / Drawings
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com