Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9529200000 Datasheet(PDF) 3 Page - Weidmuller

Part # 9529200000
Description  KLIPPON K41 RAL7001
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

9529200000 Datasheet(HTML) 3 Page - Weidmuller

  9529200000 Datasheet HTML 1Page - Weidmuller 9529200000 Datasheet HTML 2Page - Weidmuller 9529200000 Datasheet HTML 3Page - Weidmuller 9529200000 Datasheet HTML 4Page - Weidmuller 9529200000 Datasheet HTML 5Page - Weidmuller 9529200000 Datasheet HTML 6Page - Weidmuller 9529200000 Datasheet HTML 7Page - Weidmuller 9529200000 Datasheet HTML 8Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data sheet
KLIPPON K41 RAL7001
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Lid attachment
M6 torx stainless steel
screws with slot
Standards
EN 45545-2:2013
Surface finish
Powder-coated, textured
Impact resistance
10 J version standard
Protection degree
IP66, IP67, IP68
Basic material
Aluminium AlSi12
Seal material
Chloroprene
Torque for lid screws
2.5 Nm
Integral fixing
Threaded holes M5
Enclosure attachment
Holes 6 mm
Note: protection class
IP68 (t=72h, h=1m)
Protection class (UL)
Type 4, Type 4X
Number of lid screws
4
Access opening: width
113 mm
Unassembled to fit rail
TS35 105 KLIPPON K41/
POK4
Flange plate
No
Max. payload
1.46 kg
Lid
Yes
Access opening: height
111 mm
Areas of use
Process industry,
Transportation, Marine
engineering, Packaging
industry, Harbour facilities,
Machine construction
 
horizontal assembly
 
WDU 10 / ZDU 10
1x6
WDU 2,5 / ZDU 2,5 / IDU 2,5
1x13
WDU 4 / ZDU 4
1x11
WDU 6 / ZDU 6
1x8
 
vertical assembly
 
WDU 2,5 / ZDU 2,5 / IDU 2,5
*
WDU 4 / ZDU 4
*
 
Classifications
 
ETIM 8.0
EC000261
ETIM 9.0
EC000261
ETIM 10.0
EC000261
ECLASS 14.0
27-18-01-01
ECLASS 15.0
27-18-01-01
 
 
Creation date 18.02.2026 11:47:15 MEZ
 
Catalogue status / Drawings
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com