Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9529200000 Datasheet(PDF) 5 Page - Weidmuller

Part # 9529200000
Description  KLIPPON K41 RAL7001
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

9529200000 Datasheet(HTML) 5 Page - Weidmuller

  9529200000 Datasheet HTML 1Page - Weidmuller 9529200000 Datasheet HTML 2Page - Weidmuller 9529200000 Datasheet HTML 3Page - Weidmuller 9529200000 Datasheet HTML 4Page - Weidmuller 9529200000 Datasheet HTML 5Page - Weidmuller 9529200000 Datasheet HTML 6Page - Weidmuller 9529200000 Datasheet HTML 7Page - Weidmuller 9529200000 Datasheet HTML 8Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data sheet
KLIPPON K41 RAL7001
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Accessories
 
Klippon® K - Hinge
The system accessories for the Klippon® K enclosure
series allows you to easily adapt the enclosures to meet
the specific requirements of every application.
• DIN Rails TS 35 and TS15
• Mounting plates
• Hinges
• Wall-mounted holder
Weidmüller can manufacture and supply this enclosure
- according to customer specifications - fitted with all
necessary terminals and cable glands.
General ordering data
Type
HG K+POK
Version
Order No.
1580360000
GTIN (EAN) 4008190203542
Qty.
1 ST
Klippon POK (polyester empty enclosure), External joint, Hinge, Basic
material: Aluminium AlSi12, silver
Klippon® K - Mounting plates
The system accessories for the Klippon® K enclosure
series allows you to easily adapt the enclosures to meet
the specific requirements of every application.
• DIN Rails TS 35 and TS15
• Mounting plates
• Hinges
• Wall-mounted holder
Weidmüller can manufacture and supply this enclosure
- according to customer specifications - fitted with all
necessary terminals and cable glands.
General ordering data
Type
MOPL K41 STAHL
Version
Order No.
3073070000
GTIN (EAN) 4008190858001
Qty.
1 ST
Klippon K (aluminium empty enclosure), Mounting plate, Mounting
plate, Height: 104 mm, Width: 109 mm, Depth: 2 mm, Basic material:
Sheet steel, galvanized, galvanized, silver
Spacer
Stainless steel spacers in three lengths to increase the
distance distance between the mounting rails or DIN rails
and the rear wall of the enclosure.
General ordering data
Type
SP M6 15 MSZN
Version
Order No.
3896100000
GTIN (EAN) 4008190857851
Qty.
2 ST
Klippon EB (Essential Box), Spacer, Height: 11.2 mm, Width: 10 mm,
Depth: 15 mm, Basic material: Steel, silver
 
Creation date 18.02.2026 11:47:15 MEZ
 
Catalogue status / Drawings
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com