Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9529200000 Datasheet(PDF) 1 Page - Weidmuller

Part # 9529200000
Description  KLIPPON K41 RAL7001
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

9529200000 Datasheet(HTML) 1 Page - Weidmuller

  9529200000 Datasheet HTML 1Page - Weidmuller 9529200000 Datasheet HTML 2Page - Weidmuller 9529200000 Datasheet HTML 3Page - Weidmuller 9529200000 Datasheet HTML 4Page - Weidmuller 9529200000 Datasheet HTML 5Page - Weidmuller 9529200000 Datasheet HTML 6Page - Weidmuller 9529200000 Datasheet HTML 7Page - Weidmuller 9529200000 Datasheet HTML 8Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data sheet
KLIPPON K41 RAL7001
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
The aluminium Klippon® K enclosures are suitable for
use in an extremely wide range of different areas. Various
components can be installed inside the enclosures, and
will benefit in particular from the high temperature resis-
tance, the excellent IP protection and the good impact
resistance.
No matter what kind of application the customer is
planning, Weidmüller is able to provide a wide range of
aluminium enclosures precisely fitting the customer's
requirements.
Klippon® K enclosures for hazardous areas are available
on request.
Our extensive product range offers the following advan-
tages:
• Available in two surface finishes: natural and pow-
der-coated (RAL 7001)
• With chloroprene moulded seal as standard (silicone
moulded seal optionally available)
• Standardised closure system with Torx slotted screw
head for 19 enclosure sizes
• Mounting holes outside of the gasket area
• High IP protection classes: IP66, IP67 and IP68 accord-
ing to DIN EN 60529
• Impact resistance of up to 7 (10) Joules
• The enclosures are approved according ATEX, IECEx,
cULus, and DNV GL as well as the empty enclosure
standard.
• Suitable for railway applications according to EN
45545-2:2013
• Alloy is resistant to salt water
• Standardised distributor enclosures with threaded holes
and a variety of terminal configurations
General ordering data
 
Version
Klippon K (aluminium empty enclosure), Empty
enclosure, Aluminium enclosure, Height: 120 mm,
Width: 122 mm, Depth: 81 mm, Basic material:
Aluminium AlSi12, Powder-coated, textured, Silver
grey
Order No.
9529200000
Type
KLIPPON K41 RAL7001
GTIN (EAN)
4008190918095
Qty.
1 items
 
 
Creation date 18.02.2026 11:47:15 MEZ
 
Catalogue status / Drawings
1


Similar Part No. - 9529200000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9529210000 WEIDMULLER-9529210000 Datasheet
96Kb / 2P
Housings, 90 mm, 130 mm, 170 mm, Aluminium alloy (AlSi12)
9529210000 WEIDMULLER-9529210000 Datasheet
382Kb / 7P
KLIPPON K5 RAL7001
9529220000 WEIDMULLER-9529220000 Datasheet
364Kb / 7P
KLIPPON K51 RAL7001
9529230000 WEIDMULLER-9529230000 Datasheet
373Kb / 8P
KLIPPON K52 RAL7001
9529240000 WEIDMULLER-9529240000 Datasheet
367Kb / 7P
KLIPPON K6 RAL7001
More results

Similar Description - 9529200000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0908583509 MOLEX11-0908583509 Datasheet
1Mb / 9P
5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 7 Circuits, Reference K41
logo
Weidmuller
0573300000 WEIDMULLER-0573300000 Datasheet
430Kb / 8P
Klippon K (aluminium empty enclosure) Empty enclosure Aluminium enclosure
September 13, 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com