Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5R Datasheet(PDF) 7 Page - EPCOS

Part # X5R
Description  Multilayer Ceramic Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X5R Datasheet(HTML) 7 Page - EPCOS

Back Button X5R Datasheet HTML 3Page - EPCOS X5R Datasheet HTML 4Page - EPCOS X5R Datasheet HTML 5Page - EPCOS X5R Datasheet HTML 6Page - EPCOS X5R Datasheet HTML 7Page - EPCOS X5R Datasheet HTML 8Page - EPCOS X5R Datasheet HTML 9Page - EPCOS X5R Datasheet HTML 10Page - EPCOS X5R Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Multilayer Ceramic Capacitors
62
10/02
High
Cap
Ordering codes and packing for HighCap, X5R, 6,3; 10; 16 and 25 VDC,
nickel-barrier terminations
Chip thickness Cardboard tape,
∅ 180-mm reel
Blister tape,
∅ 180-mm reel
**
60
**
62
CR1)
VR (VDC) Ordering code
mm
pcs/reel
pcs/reel
Case size 0402
100, nF
10
B37621K8104K0**
0,5
± 0,05
10 000
–
Case size 0603
1,0
µF
6,3
B37631K7105K0**
0,8
± 0,1
4 000
–
2,2
µF
6,3
B37631K7225K0**
0,8
± 0,1
4 000
–
330, nF
10
B37631K8334K0**
0,8
± 0,1
4 000
–
1,0
µF
10
B37631K8105K0**
0,8
± 0,1
4 000
–
100, nF
25
B37631K0104K0**
0,8
± 0,1
4 000
–
Case size 0805
4,7
µF
6,3
B37641K7475K0**
1,25
± 0,1
–
3 000
10,
µF
6,3
B37641K7106K0**
1,25
± 0,1
–
3 000
1,0
µF
10
B37641K8105K0**
1,25
± 0,1
–
3 000
2,2
µF
10
B37641K8225K0**
1,25
± 0,1
–
3 000
Case size 1206
10,
µF
6,3
B37572K7106K0**
1,6
± 0,2
–
2 000
4,7
µF
10
B37572K8475K0**
1,6
± 0,2
–
2 000
10,
µF
10
B37572K8106K0**
1,6
± 0,2
–
2 000
Case size 1210
22,
µF
6,3
B37650K7226K0**
2,5
± 0,2
–
500
10,
µF
10
B37650K8106K0**
2,0
± 0,2
–
2 000
10,
µF
16
B37650K9106K0**
2,0
± 0,2
–
2 000
22,
µF
16
B37650K9226K0**
2,5
± 0,2
–
500
4,7
µF
25
B37650K0475K0**
2,0
± 0,2
–
2 000
Case size 1812
22,
µF
16
B37653K9226K0**
2,5
± 0,2
–
500
10,
µF
25
B37653K0106K0**
2,5
± 0,2
–
500
1) Other capacitance values on request.
^
^
HighCap; X5R; 0402 to 1812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com