Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5R Datasheet(PDF) 8 Page - EPCOS

Part # X5R
Description  Multilayer Ceramic Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X5R Datasheet(HTML) 8 Page - EPCOS

Back Button X5R Datasheet HTML 4Page - EPCOS X5R Datasheet HTML 5Page - EPCOS X5R Datasheet HTML 6Page - EPCOS X5R Datasheet HTML 7Page - EPCOS X5R Datasheet HTML 8Page - EPCOS X5R Datasheet HTML 9Page - EPCOS X5R Datasheet HTML 10Page - EPCOS X5R Datasheet HTML 11Page - EPCOS X5R Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
63
10/02
Multilayer Ceramic Capacitors
High
Cap
Ordering codes and packing for HighCap, X7R, 10, 16, 25 and 50 VDC,
nickel-barrier terminations
Chip thickness Cardboard tape,
∅ 180-mm reel
Blister tape,
∅ 180-mm reel
**
60
**
62
CR1)
VR (VDC) Ordering code
mm
pcs/reel
pcs/reel
Case size 0603
220, nF
10
B37931K8224K0**
0,8
± 0,1
4 000
–
Case size 0805
220, nF
16
B37941K9224K0**
1,25
± 0,1
–
3 000
330, nF
16
B37941K9334K0**
1,25
± 0,1
–
3 000
470, nF
16
B37941K9474K0**
1,25
± 0,1
–
3 000
1,0
µF
16
B37941K9105K0**
1,25
± 0,1
–
3 000
220, nF
25
B37941K0224K0**
0,85
± 0,1
–
4 000
Case size 1206
1,0
µF
16
B37872K9105K0**
1,15
± 0,1
–
3 000
2,2
µF
16
B37872K9225K0**
1,6
± 0,2
–
2 000
4,7
µF
16
B37872K9475K0**
1,6
± 0,2
–
2 000
330, nF
25
B37872K0334K0**
0,8
± 0,1
4000
–
470, nF
25
B37872K0474K0**
1,2
± 0,1
–
3 000
1,0
µF
25
B37872K0105K0**
1,6
± 0,2
–
2 000
220, nF
50
B37872K5224K0**
0,8
± 0,1
4000
–
330, nF
50
B37872K5334K0**
1,2
± 0,1
–
3 000
470, nF
50
B37872K5474K0**
1,2
± 0,1
–
3 000
Case size 1210
2,2
µF
25
B37950K0225K0**
2,0
± 0,2
–
2 000
1,0
µF
50
B37950K5105K0**
2,0
± 0,2
–
2 000
1) Other capacitance values on request.
^
^
HighCap; X7R; 0603 to 1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com