Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5R Datasheet(PDF) 2 Page - EPCOS

Part # X5R
Description  Multilayer Ceramic Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X5R Datasheet(HTML) 2 Page - EPCOS

  X5R Datasheet HTML 1Page - EPCOS X5R Datasheet HTML 2Page - EPCOS X5R Datasheet HTML 3Page - EPCOS X5R Datasheet HTML 4Page - EPCOS X5R Datasheet HTML 5Page - EPCOS X5R Datasheet HTML 6Page - EPCOS X5R Datasheet HTML 7Page - EPCOS X5R Datasheet HTML 8Page - EPCOS X5R Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
57
10/02
Features
■ Characteristic of class 2 dielectric
■ High capacitance values up to 22
µF
■ Voltage rating from 6,3 V to 50 V
■ Reduced chip thickness
■ Small sizes
Applications
■ Coupling and bypass filters
Termination
■ For soldering: Nickel-barrier terminations (Ni)
Options
■ Extended E3 series (E3+) and other capacitance values on request
Delivery mode
■ Cardboard and blister tape (blister tape for chip thickness
≥ 1,2 ± 0,1 mm and case sizes ≥ 1210)
Electrical data
Temperature characteristic
X5R
X7R
Climatic category (IEC 60068-1)
55/85/56
55/125/56
Standard
EIA
EIA
Dielectric
Class 2
Class 2
Rated voltage1)
VR
6,3; 10; 16; 25
10; 16; 25; 50
VDC
Test voltage
Vtest
2,5 · VR/5 s
2,5 · VR/5 s
VDC
Capacitance range / E series
CR
100 nF … 22
µF (E3+) 100 nF … 4,7 µF (E3+)
Max. relative capacitance change
∆C/C ±15
±15
%
Dissipation factor (limit value)
tan
δ < 50 · 10–3
< 25 · 10–3
< 35 · 10–3 for
≤ 25 V
Insulation resistance2) at +25
°C
Rins
> 104
> 104
M
Ω
Time constant2) at + 25
°C
τ
> 500
> 500
s
Operating temperature range
Top
–55 … + 85
– 55 … +125
°C
Ageing3)
yes
yes
1) Note: No operation on AC line.
2) For CR > 10 nF the time constant τ = C · Rins is given.
3) Refer to chapter “General Technical Information”, page 197.
Chip
HighCap; X5R and X7R
Multilayer Ceramic Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com