Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5R Datasheet(PDF) 11 Page - EPCOS

Part # X5R
Description  Multilayer Ceramic Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X5R Datasheet(HTML) 11 Page - EPCOS

Back Button X5R Datasheet HTML 5Page - EPCOS X5R Datasheet HTML 6Page - EPCOS X5R Datasheet HTML 7Page - EPCOS X5R Datasheet HTML 8Page - EPCOS X5R Datasheet HTML 9Page - EPCOS X5R Datasheet HTML 10Page - EPCOS X5R Datasheet HTML 11Page - EPCOS X5R Datasheet HTML 12Page - EPCOS X5R Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Multilayer Ceramic Capacitors
66
10/02
High
Cap
Typical characteristics for HighCap X7R
Capacitance change
∆C/C
25 versus
temperature T
Capacitance change
∆C/C
0 versus
superimposed DC voltage V
Capacitance change
∆C/C
1 versus
time t
Dissipation factor tan
δ versus
temperature T
KKE0492-M
C25
C
∆
˚C
T
0
2
4
%
60
_
16
_
14
_
12
_
10
_
8
_
6
_
4
_
2
_
20
_
20
60
100
140
KKE0493-V
C0
C
∆
V
0
%
35
_
0
2
4
68
10 12 14
18
V
30
_
25
_
20
_
15
_
10
_
16 V
KKE0491-E
t
10 0
h
C
∆
1
C
%
10
20
_
10
_
0
10 1
10 2
10 3
10 45
10
KKE0494-4
T
˚C 140
60
_
3
10
_
10
_2
10
_1
tan
δ
20
_
100
60
20
HighCap; X7R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com