Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5R Datasheet(PDF) 12 Page - EPCOS

Part # X5R
Description  Multilayer Ceramic Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X5R Datasheet(HTML) 12 Page - EPCOS

Back Button X5R Datasheet HTML 5Page - EPCOS X5R Datasheet HTML 6Page - EPCOS X5R Datasheet HTML 7Page - EPCOS X5R Datasheet HTML 8Page - EPCOS X5R Datasheet HTML 9Page - EPCOS X5R Datasheet HTML 10Page - EPCOS X5R Datasheet HTML 11Page - EPCOS X5R Datasheet HTML 12Page - EPCOS X5R Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
67
10/02
Multilayer Ceramic Capacitors
High
Cap
Typical characteristics for HighCap X7R
Insulation resistance Rins versus
temperature T
Impedance Z and ESR versus
frequency f
Impedance Z and ESR versus
frequency f
Impedance Z and ESR versus
frequency f
KKE0495-C
T
˚C
20
1
10
ins
40
60
80
100
130
R
10
2
10
3
10
4
1 µF/1206
1 µF/0805
2,2 µF/1206
Ω
M
f
Z, ESR
MHz 10 2
Ω
104
1 µF/16 V/size 0805
Z
ESR
KKE0601-B
3
10
_
10
_4
B37941K9105K062
10 0
10
3
_
10
2
_
10
1
_
10
_2
10
_1
102
101
100
f
Z, ESR
MHz 10 2
Ω
104
1 µF/16 V/size 1206
Z
ESR
KKE0600-A
3
10
_
10
_4
B37872K9105K062
10 0
10
3
_
10
2
_
10
1
_
10
_2
10
_1
102
101
100
f
Z, ESR
MHz 10 2
100
101
Ω
103
2,2 µF/16 V/size 1206
Z
ESR
KKE0602-C
3
10
_
10
_2
10
1
_
10
_4
B37872K9225K062
10 0
10
3
_
10
2
_
10
1
_
HighCap; X7R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com