Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5R Datasheet(PDF) 10 Page - EPCOS

Part # X5R
Description  Multilayer Ceramic Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X5R Datasheet(HTML) 10 Page - EPCOS

Back Button X5R Datasheet HTML 5Page - EPCOS X5R Datasheet HTML 6Page - EPCOS X5R Datasheet HTML 7Page - EPCOS X5R Datasheet HTML 8Page - EPCOS X5R Datasheet HTML 9Page - EPCOS X5R Datasheet HTML 10Page - EPCOS X5R Datasheet HTML 11Page - EPCOS X5R Datasheet HTML 12Page - EPCOS X5R Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
65
10/02
Multilayer Ceramic Capacitors
High
Cap
Typical characteristics for HighCap X5R
Insulation resistance Rins versus
temperature T
Impedance Z and ESR versus
frequency f
Impedance Z and ESR versus
frequency f
Impedance Z and ESR versus
frequency f
KKE0499-A
T
˚C
25
1
10
ins
R
10
2
10
3
10
4
1 µF
4,7 µF
22 µF
M
Ω
35
45
55
65
75
85
f
Z, ESR
MHz 10 2
Ω
104
1 µF/10 V/size 0805
Z
ESR
KKE0605-F
3
10
_
10
_4
B37641K8105K062
10 0
10
3
_
10
2
_
10
1
_
10
_2
10
_1
102
101
100
f
Z, ESR
MHz 10 2
100
101
Ω
103
4,7 µF/6,3 V/size 0805
Z
ESR
KKE0604-E
3
10
_
10
_2
10
1
_
10
_4
B37641K7475K062
10 0
10
3
_
10
2
_
10
1
_
f
Z, ESR
100
101
Ω
103
10 µF/6,3 V/size 1206
Z
ESR
KKE0603-D
3
10
_
10
_2
10
1
_
B37572K7106K062
_1
10
_2
10
_3
10
0
10
4
_
10
2
10
MHz
HighCap; X5R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com