Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R272LT6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST10R272LT6
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272LT6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST10R272LT6 Datasheet HTML 10Page - STMicroelectronics ST10R272LT6 Datasheet HTML 11Page - STMicroelectronics ST10R272LT6 Datasheet HTML 12Page - STMicroelectronics ST10R272LT6 Datasheet HTML 13Page - STMicroelectronics ST10R272LT6 Datasheet HTML 14Page - STMicroelectronics ST10R272LT6 Datasheet HTML 15Page - STMicroelectronics ST10R272LT6 Datasheet HTML 16Page - STMicroelectronics ST10R272LT6 Datasheet HTML 17Page - STMicroelectronics ST10R272LT6 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
14/77
ST10R272L - MULTIPLY-ACCUMULATE UNIT (MAC)
5
MULTIPLY-ACCUMULATE UNIT (MAC)
The MAC is a specialized co-processor added to the ST10R272L CPU core to improve the
performance of signal processing algorithms. It includes:
•
a multiply-accumulate unit
•
an address generation unit, able to feed the mac unit with 2 operands per cycle
•
a repeat unit, to execute a series of multiply-accumulate instructions
New addressing capabilities enable the CPU to supply the MAC with up to 2 operands per
instruction cycle. MAC instructions: multiply, multiply-accumulate, 32-bit signed arithmetic
operations and the CoMOV transfer instruction have been added to the standard instruction
set. Full details are provided in the ‘ST10 Family Programming Manual’.
Figure 5 MAC architecture
MAC CoProcessor
dual-port
internal RAM
external
memory
memory
program
new addressing features
IDX0
IDX1
QX0
QX1
QR0
QR1
operands
control
program code
data buses
16 x16
multiplier
40-bit ALU
shifter
MCW MAL
MRW MAH
MSW
repeat unit
40-bit accumulator
Peripheral
interface
ST10R272L CPU
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com