Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R272LT6 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST10R272LT6
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272LT6 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST10R272LT6 Datasheet HTML 17Page - STMicroelectronics ST10R272LT6 Datasheet HTML 18Page - STMicroelectronics ST10R272LT6 Datasheet HTML 19Page - STMicroelectronics ST10R272LT6 Datasheet HTML 20Page - STMicroelectronics ST10R272LT6 Datasheet HTML 21Page - STMicroelectronics ST10R272LT6 Datasheet HTML 22Page - STMicroelectronics ST10R272LT6 Datasheet HTML 23Page - STMicroelectronics ST10R272LT6 Datasheet HTML 24Page - STMicroelectronics ST10R272LT6 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
21/77
ST10R272L - MULTIPLY-ACCUMULATE UNIT (MAC)
of repetition that remains to complete the sequence. If the Repeat Unit is used in the interrupt
routine, MRW must be saved by the user and restored before the end of the interrupt routine.
Note
The Repeat Count should be used with caution. In this case MR should be written as
0. In general MR should not be set by the user otherwise correct instruction
processing can not be guaranteed.
MAC interrupt
The MAC can generate an interrupt according to the value of the status flags C (carry), SV
(overflow), E (extension) or SL (limit) of the MSW. The MAC interrupt is globally enabled when
the MIE flag in MCW is set. When it is enabled the flags C, SV, E or SL can triggered a MAC
interrupt when they are set provided that the corresponding mask flag CM, VM, EM or LM in
MCW is also set. A MAC interrupt request set the MIR flag in MSW, this flag must be reset by
the user during the interrupt routine otherwise the interrupt processing restarts when
returning from the interrupt routine.
The MAC interrupt is implemented as a Class B hardware trap (trap number Ah - trap priority
I). The associated Trap Flag in the TFR register is MACTRP, bit #6 of the TFR (Remember
that this flag must also be reset by the user in the case of an MAC interrupt request).
As the MAC status flags are updated (or eventually written by software) during the Execute
stage of the pipeline, the response time of a MAC interrupt request is 3 instruction cycles (see
Figure 3). It is the number of instruction cycles required between the time the request is sent
and the time the first instruction located at the interrupt vector location enters the pipeline.
Note that the IP value stacked after a MAC interrupt does not point to the instruction that
triggers the interrupt.
Figure 7 Pipeline diagram for MAC interrupt response time
N
N-1
N-2
N-3
N+1
N
N-1
N-2
N+2
N+1
N
N-1
N+4
TRAP (1)
N+2
N+1
I1
TRAP (2)
TRAP (1)
N+2
I2
I1
TRAP (2)
TRAP (1)
N+3
N+2
N+1
N
FETCH
DECODE
EXECUTE
WRITEBACK
MAC Interrupt Request
Response Time
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com