Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R272LT6 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST10R272LT6
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272LT6 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST10R272LT6 Datasheet HTML 36Page - STMicroelectronics ST10R272LT6 Datasheet HTML 37Page - STMicroelectronics ST10R272LT6 Datasheet HTML 38Page - STMicroelectronics ST10R272LT6 Datasheet HTML 39Page - STMicroelectronics ST10R272LT6 Datasheet HTML 40Page - STMicroelectronics ST10R272LT6 Datasheet HTML 41Page - STMicroelectronics ST10R272LT6 Datasheet HTML 42Page - STMicroelectronics ST10R272LT6 Datasheet HTML 43Page - STMicroelectronics ST10R272LT6 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
40/77
ST10R272L - ELECTRICAL CHARACTERISTICS
16
ELECTRICAL CHARACTERISTICS
16.1 Absolute Maximum Ratings
•
Ambient temperature under bias (TA): ......................................................... -40 to +85 °C
•
Storage temperature (TST):....................................................................... – 65 to +150 °C
•
Voltage on VDD pins with respect to ground (VSS):..................................... – 0.5 to +4.0 V
•
Voltage on any pin with respect to ground (VSS): ................................ –0.5 to VDD +0.5 V
•
Voltage on any 5V tolerant pin with respect to ground (VSS): .......................–0.5 to 5.5 V
•
Voltage on any 5V fail-safe pin with respect to ground (VSS): .......................–0.5 to 5.5 V
•
Input current on any pin during overload condition: .................................. –10 to +10 mA
•
Absolute sum of all input currents during overload condition: .............................|100 mA|
•
Power dissipation:.....................................................................................................1.0 W
Note
Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not guaranteed. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability. During
overload conditions (VIN>VDD or VIN<VSS) the voltage on pins with respect to ground
(VSS) must not exceed the values defined by the Absolute Maximum Ratings.
The parameters listed in this section represent both the ST10R272L controller characteristics
and the system requirements. To aid parameters interpretation in design evaluation, the a
symbol column is marked:
CC for Controller Characteristics: The ST10R272L logic provides signals with the
respective timing characteristics.
SR for System Requirement:
The external system must provide signals with the
respective timing characteristics to the ST10R272L.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com