Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R272LT6 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST10R272LT6
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272LT6 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST10R272LT6 Datasheet HTML 18Page - STMicroelectronics ST10R272LT6 Datasheet HTML 19Page - STMicroelectronics ST10R272LT6 Datasheet HTML 20Page - STMicroelectronics ST10R272LT6 Datasheet HTML 21Page - STMicroelectronics ST10R272LT6 Datasheet HTML 22Page - STMicroelectronics ST10R272LT6 Datasheet HTML 23Page - STMicroelectronics ST10R272LT6 Datasheet HTML 24Page - STMicroelectronics ST10R272LT6 Datasheet HTML 25Page - STMicroelectronics ST10R272LT6 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
22/77
ST10R272L - INTERRUPT AND TRAP FUNCTIONS
Number representation & rounding
The MAC supports the two’s-complement representation of binary numbers. In this format,
the sign bit is the MSB of the binary word. This is set to zero for positive numbers and set to
one for negative numbers. Unsigned numbers are supported only by multiply/multiply-
accumulate instructions which specifies whether each operand is signed or unsigned.
In two’s complement fractional format, the N-bit operand is represented using the 1.[N-1]
format (1 signed bit, N-1 fractional bits). Such a format can represent numbers between -1
and +1-2-[N-1]. This format is supported when MP of MCW is set.
The MAC implements ‘two’s complement rounding’. With this rounding type, one is added to
the bit to the right of the rounding point (bit 15 of MAL), before truncation (MAL is cleared).
6
INTERRUPT AND TRAP FUNCTIONS
The architecture of the ST10R272L supports several mechanisms for fast and flexible
response to the service requests that can be generated from various sources, internal or
external to the microcontroller. Any of these interrupt requests can be programmed to be
serviced, either by the Interrupt Controller or by the Peripheral Event Controller (PEC).
In a standard interrupt service, program execution is suspended and a branch to the interrupt
service routine is performed. For a PEC service, just one cycle is ‘stolen’ from the current
CPU activity. A PEC service is a single, byte or word data transfer between any two memory
locations, with an additional increment of either the PEC source or the destination pointer. An
individual PEC transfer counter is decremented for each PEC service, except in the
continuous transfer mode. When this counter reaches zero, a standard interrupt is performed
to the corresponding source-related vector location. PEC services are very well suited, for
example, to the transmission or reception of blocks of data. The ST10R272L has 8 PEC
channels, each of which offers fast interrupt-driven data transfer capabilities.
A separate control register which contains an interrupt request flag, an interrupt enable flag
and an interrupt priority bitfield, exists for each of the possible interrupt sources. Via its related
register, each source can be programmed to one of sixteen interrupt priority levels. Once
having been accepted by the CPU, an interrupt service can only be interrupted by a higher
priority service request. For standard interrupt processing, each of the possible interrupt
sources has a dedicated vector location.
Fast external interrupt inputs are provided to service external interrupts with high precision
requirements. These fast interrupt inputs, feature programmable edge detection (rising edge,
falling edge or both edges).
Software interrupts are supported by means of the ‘TRAP’ instruction in combination with an
individual trap (interrupt) number.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com