Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R272LT6 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST10R272LT6
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272LT6 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST10R272LT6 Datasheet HTML 15Page - STMicroelectronics ST10R272LT6 Datasheet HTML 16Page - STMicroelectronics ST10R272LT6 Datasheet HTML 17Page - STMicroelectronics ST10R272LT6 Datasheet HTML 18Page - STMicroelectronics ST10R272LT6 Datasheet HTML 19Page - STMicroelectronics ST10R272LT6 Datasheet HTML 20Page - STMicroelectronics ST10R272LT6 Datasheet HTML 21Page - STMicroelectronics ST10R272LT6 Datasheet HTML 22Page - STMicroelectronics ST10R272LT6 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 77 page
background image
19/77
ST10R272L - MULTIPLY-ACCUMULATE UNIT (MAC)
input ports can receive 00,0000,0000h to allow direct transfers from the B-source and A-
source, respectively, to the Accumulator (case of Multiplication, Shift.). The output of the
arithmetic unit goes to the Accumulator.
It is also possible to saturate the Accumulator on a 32-bit value, automatically after every
accumulation. Automatic saturation is enabled by setting the saturation bit MS in the MCW
register. When the Accumulator is in the saturation mode and an 32-bit overflow occurs, the
accumulator is loaded with either the most positive or the most negative value representable
in a 32-bit value, depending on the direction of the overflow. The value of the Accumulator
upon saturation is 00,7fff,ffffh (positive) or ff,8000,0000h (negative) in signed arithmetic.
Automatic saturation sets the SL flag MSW. This flag is a sticky flag which means it stays set
until it is explicitly reset by the user.
40-bit overflow of the Accumulator sets the SV flag in MSW. This flag is also a sticky flag.
40-bit accumulator register
The 40-bit Accumulator consists of three SFR registers MAH, MAL and MAE. MAH and MAL
are 16-bit wide. MAE is 8-bit wide and is contained within the least significant byte of MSW.
Most co-processor operations specify the 40-bit Accumulator register as source and/or
destination operand.
Data limiter
Saturation arithmetic is also provided to selectively limit overflow, when reading the
accumulator by means of a CoSTORE <destination> MAS instruction. Limiting is performed
on the MAC Accumulator. If the contents of the Accumulator can be represented in the
destination operand size without overflow, the data limiter is disabled and the operand is not
modified. If the contents of the accumulator cannot be represented without overflow in the
destination operand size, the limiter will substitute a ‘limited’ data as explained in the following
table.
Note
In this case, the accumulator and the status register are not affected. MAS readable
from a CoSTORE instruction.
Register
E bit
N bit
Output of the Limiter
x
0
x
unchanged
MAS
1
0
7fffh
MAS
1
1
8000h
Table 4 Data Limit Values
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com