Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R272LT6 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST10R272LT6
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272LT6 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST10R272LT6 Datasheet HTML 22Page - STMicroelectronics ST10R272LT6 Datasheet HTML 23Page - STMicroelectronics ST10R272LT6 Datasheet HTML 24Page - STMicroelectronics ST10R272LT6 Datasheet HTML 25Page - STMicroelectronics ST10R272LT6 Datasheet HTML 26Page - STMicroelectronics ST10R272LT6 Datasheet HTML 27Page - STMicroelectronics ST10R272LT6 Datasheet HTML 28Page - STMicroelectronics ST10R272LT6 Datasheet HTML 29Page - STMicroelectronics ST10R272LT6 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 77 page
background image
26/77
ST10R272L - PWM MODULE
of external memory space, the address space can be restricted to 1 MByte, 256 KByte or to 64
KByte.
9PWM MODULE
A 1-channel Pulse Width Modulation (PWM) Module operates on channel 3. The pulse width
modulation module can generate up to four PWM output signals using edge-aligned or centre-
aligned PWM. In addition, the PWM module can generate PWM burst signals and single shot
outputs. The table below shows the PWM frequencies for different resolutions. The level of
the output signals is selectable and the PWM module can generate interrupt requests.
Mode 0
edge aligned
Resolution
8-bit
10-bit
12-bit
14-bit
16-bit
CPU clock/1
20ns
195.3 KHz
48.83KHz
12.21KHz
3.052KHz
762.9Hz
CPU clock/64
1.28ns
3.052KHz
762.9Hz
190.7Hz
47.68Hz
11.92Hz
Mode 1
center aligned
Resolution
8-bit
10-bit
12-bit
14-bit
16-bit
CPU clock/1
20ns
97.66KHz
24.41KHz
6.104KHz
1.525KHz
381.5Hz
CPU clock/64
1.28ns
1.525Hz
381.5 Hz
95.37Hz
23.84Hz
0Hz
Table 7 PWM unit frequencies and resolution at 50MHz CPU clock
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com