Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR736FV1T7 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STR736FV1T7
Description  ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR736FV1T7 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STR736FV1T7 Datasheet HTML 3Page - STMicroelectronics STR736FV1T7 Datasheet HTML 4Page - STMicroelectronics STR736FV1T7 Datasheet HTML 5Page - STMicroelectronics STR736FV1T7 Datasheet HTML 6Page - STMicroelectronics STR736FV1T7 Datasheet HTML 7Page - STMicroelectronics STR736FV1T7 Datasheet HTML 8Page - STMicroelectronics STR736FV1T7 Datasheet HTML 9Page - STMicroelectronics STR736FV1T7 Datasheet HTML 10Page - STMicroelectronics STR736FV1T7 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
STR73xFxx
Overview
7/52
clock/calendar/alarm function. When the STR73xF is in LPWFI mode the RTC keeps
running, powered by the low power voltage regulator.
UARTs
The 4 UARTs allow full duplex, asynchronous, communications with external devices with
independently programmable TX and RX baud rates up to 625 Kbaud.
Buffered serial peripheral interfaces (BSPI)
Each of the three BSPIs allow full duplex, synchronous communications with external
devices, master or slave communication at up to 6 Mb/s in master mode and up to 4.5 Mb/s
in slave mode (@36 MHz system clock).
I2C interfaces
The two I2C Interfaces provide multi-master and slave functions, support normal and fast
I2C mode (400 kHz) and 7 or 10-bit addressing modes.
A/D converter
The 10-bit analog to digital converter, converts up to 16 channels in single-shot or
continuous conversion modes (12 channels in 100-pin devices). The minimum conversion
time is 3 µs.
Watchdog
The 16-bit watchdog timer protects the application against hardware or software failures and
ensures recovery by generating a reset.
I/O ports
Up to 112 I/O ports (72 in 100-pin devices) are programmable as general purpose
input/output or alternate function.
External interrupts and wake-up lines
16 external interrupts lines are available for application use. In addition, up to 32 external
Wake-up lines (18 in 100-pin devices) can be used as general purpose interrupts or to
wake-up the application from STOP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com