Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR736FV1T7 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STR736FV1T7
Description  ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR736FV1T7 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STR736FV1T7 Datasheet HTML 41Page - STMicroelectronics STR736FV1T7 Datasheet HTML 42Page - STMicroelectronics STR736FV1T7 Datasheet HTML 43Page - STMicroelectronics STR736FV1T7 Datasheet HTML 44Page - STMicroelectronics STR736FV1T7 Datasheet HTML 45Page - STMicroelectronics STR736FV1T7 Datasheet HTML 46Page - STMicroelectronics STR736FV1T7 Datasheet HTML 47Page - STMicroelectronics STR736FV1T7 Datasheet HTML 48Page - STMicroelectronics STR736FV1T7 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
STR73xFxx
Electrical parameters
45/52
Analog power supply and reference pins
The VDDA and VSSA pins are the analog power supply of the A/D converter cell. They act as
the high and low reference voltages for the conversion.
Separation of the digital and analog power pins allow board designers to improve A/D
performance. Conversion accuracy can be impacted by voltage drops and noise in the event
of heavily loaded or badly decoupled power supply lines (see: General PCB design
guidelines).
General PCB design guidelines
To obtain best results, some general design and layout rules should be followed when
designing the application PCB to shield the noise-sensitive, analog physical interface from
noise-generating CMOS logic signals.
●
Use separate digital and analog planes. The analog ground plane should be connected
to the digital ground plane via a single point on the PCB.
●
Filter power to the analog power planes. It is recommended to connect capacitors, with
good high frequency characteristics, between the power and ground lines, placing
0.1 µF and optionally, if needed 10 pF capacitors as close as possible to the STR7
power supply pins and a 1 to 10 µF capacitor close to the power source (see
Figure 23).
●
The analog and digital power supplies should be connected in a star network. Do not
use a resistor, as VDDA is used as a reference voltage by the A/D converter and any
resistance would cause a voltage drop and a loss of accuracy.
●
Properly place components and route the signal traces on the PCB to shield the analog
inputs. Analog signals paths should run over the analog ground plane and be as short
as possible. Isolate analog signals from digital signals that may switch while the analog
inputs are being sampled by the A/D converter. Do not toggle digital outputs near the
A/D input being converted.
Software filtering of spurious conversion results
For EMC performance reasons, it is recommended to filter A/D conversion outliers using
software filtering techniques.
Figure 23. Power supply filtering
VSS
VDD
0.1
μF
5V
STR73x
VDDA
VSSA
POWER
SUPPLY
SOURCE
STR7
DIGITAL NOISE
FILTERING
EXTERNAL
NOISE
FILTERING
1 to 10
μF
0.1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com