Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR736FV1T7 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STR736FV1T7
Description  ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR736FV1T7 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STR736FV1T7 Datasheet HTML 43Page - STMicroelectronics STR736FV1T7 Datasheet HTML 44Page - STMicroelectronics STR736FV1T7 Datasheet HTML 45Page - STMicroelectronics STR736FV1T7 Datasheet HTML 46Page - STMicroelectronics STR736FV1T7 Datasheet HTML 47Page - STMicroelectronics STR736FV1T7 Datasheet HTML 48Page - STMicroelectronics STR736FV1T7 Datasheet HTML 49Page - STMicroelectronics STR736FV1T7 Datasheet HTML 50Page - STMicroelectronics STR736FV1T7 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
STR73xFxx
Package characteristics
47/52
Figure 26.
144-ball low profile fine pitch ball grid array package
Figure 27. Recommended PCB design rules (0.80/0.75mm pitch BGA)
Dim.
mm
inches1)
Min
Typ
Max
Min
Typ
Max
A
1.21
1.70 0.0476
0.0669
A1
0.21
0.0083
A2
1.085
0.0427
b
0.35
0.40
0.45 0.0138 0.0157 0.0177
D
9.85 10.00 10.15 0.3878 0.3937 0.3996
D1
8.80
0.3465
E
9.85 10.00 10.15 0.3878 0.3937 0.3996
E1
8.80
0.3465
e
0.80
0.0315
F
0.60
0.0236
ddd
0.10
0.0039
eee
0.15
0.0059
fff
0.08
0.0031
Number of Pins
N
144
1Values in inches are converted from mm and
rounded to 4 decimal digits.
Dpad
Dsm
Dpad
0.37 mm
Dsm
0.52 mm typ. (depends on solder
mask registration tolerance
Solder paste
0.37 mm aperture diameter
– Non solder mask defined pads are recommended
– 4 to 6 mils screen print



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com