Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR736FV1T7 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STR736FV1T7
Description  ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR736FV1T7 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STR736FV1T7 Datasheet HTML 28Page - STMicroelectronics STR736FV1T7 Datasheet HTML 29Page - STMicroelectronics STR736FV1T7 Datasheet HTML 30Page - STMicroelectronics STR736FV1T7 Datasheet HTML 31Page - STMicroelectronics STR736FV1T7 Datasheet HTML 32Page - STMicroelectronics STR736FV1T7 Datasheet HTML 33Page - STMicroelectronics STR736FV1T7 Datasheet HTML 34Page - STMicroelectronics STR736FV1T7 Datasheet HTML 35Page - STMicroelectronics STR736FV1T7 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
Electrical parameters
STR73xFxx
32/52
RC/backup oscillator characteristics
VDD = 5V ± 10%, TA = -40°C to TAmax, unless otherwise specified.
1) CMU_RCCTL = 0x8
2) RC frequency shift versus average value (%)
Table 15.
RC oscillator characteristics
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
fRC
RC frequency
High frequency mode 1)
2.35
MHz
Low frequency mode1)
29
kHz
fRCHF
RC high frequency
CMU_RCCTL = 0x0
3
MHz
CMU_RCCTL = 0xF
2.3
MHz
fRCLF
RC low frequency
CMU_RCCTL = 0x0
35
kHz
CMU_RCCTL = 0xF
30
kHz
fRCHFS
2)
RC high frequency stability
Fixed CMU_RCCTL
10
%
fRCLFS
2)
RC low frequency stability
Fixed CMU_RCCTL
23
%
tRCSTUP
RC start-up time
Stable VDD,
fRC = 2.35 MHz, TA = 25
oC
2.35
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com