Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR736FV1T7 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STR736FV1T7
Description  ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR736FV1T7 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STR736FV1T7 Datasheet HTML 42Page - STMicroelectronics STR736FV1T7 Datasheet HTML 43Page - STMicroelectronics STR736FV1T7 Datasheet HTML 44Page - STMicroelectronics STR736FV1T7 Datasheet HTML 45Page - STMicroelectronics STR736FV1T7 Datasheet HTML 46Page - STMicroelectronics STR736FV1T7 Datasheet HTML 47Page - STMicroelectronics STR736FV1T7 Datasheet HTML 48Page - STMicroelectronics STR736FV1T7 Datasheet HTML 49Page - STMicroelectronics STR736FV1T7 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
Package characteristics
STR73xFxx
46/52
5
Package characteristics
5.1
Package mechanical data
Figure 24.
100-pin thin quad flat package
Figure 25.
144-pin thin quad flat package
Dim.
mm
inches(1)
Min
Typ
Max
Min
Typ
Max
A
1.60
0.0630
A1
0.05
0.15 0.0020
0.0059
A2
1.35
1.40
1.45 0.0531 0.0551 0.0571
b
0.17
0.22
0.27 0.0067 0.0087 0.0106
C
0.09
0.20 0.0035
0.0079
D
16.00
0.6299
D1
14.00
0.5512
E
16.00
0.6299
E1
14.00
0.5512
e
0.50
0.0197
h
0°
3.5°
7°
0°
3.5°
7°
L
0.45
0.60
0.75 0.0177 0.0236 0.0295
L1
1.00
0.0394
Number of Pins
N
100
1. Values in inches are converted from mm and
rounded to 4 decimal digits.
h
c
L
L1
e
b
A
A2
A1
D
D1
E
E1
Dim.
mm
inches(1)
1.
Values in inches are converted from mm
and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
1.60
0.0630
A1
0.05
0.15 0.0020
0.0059
A2
1.35
1.40
1.45 0.0531 0.0551 0.0571
b
0.17
0.22
0.27 0.0067 0.0087 0.0106
c
0.09
0.20 0.0035
0.0079
D
21.80 22.00 22.20 0.8583 0.8661 0.8740
D1
19.80 20.00 20.20 0.7795 0.7874 0.7953
D3
17.50
0.6890
E
21.80 22.00 22.20 0.8583 0.8661 0.8740
E1
19.80 20.00 20.20 0.7795 0.7874 0.7953
E3
17.50
0.6890
e
0.50
0.0197
K
0°
3.5°
7°
0°
3.5°
7°
L
0.45
0.60
0.75 0.0177 0.0236 0.0295
L1
1.00
0.0394
Number of Pins
N
144
A
A2
A1
b
c
36
37
72
73
108
109
144
E1
E
D1
D
1
h
b
L
L1
Seating Plane
0.10mm
.004 in.
e
E3
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com