Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR736FV1T7 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STR736FV1T7
Description  ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR736FV1T7 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STR736FV1T7 Datasheet HTML 24Page - STMicroelectronics STR736FV1T7 Datasheet HTML 25Page - STMicroelectronics STR736FV1T7 Datasheet HTML 26Page - STMicroelectronics STR736FV1T7 Datasheet HTML 27Page - STMicroelectronics STR736FV1T7 Datasheet HTML 28Page - STMicroelectronics STR736FV1T7 Datasheet HTML 29Page - STMicroelectronics STR736FV1T7 Datasheet HTML 30Page - STMicroelectronics STR736FV1T7 Datasheet HTML 31Page - STMicroelectronics STR736FV1T7 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
Electrical parameters
STR73xFxx
28/52
On-chip peripherals
1.
Data based on a differential IDD measurement between the on-chip peripheral when kept under reset, not
clocked and the on-chip peripheral when clocked and not kept under reset. This measurement does not
include the pad toggling consumption.
2.
Data based on a differential IDD measurement between reset configuration and continuous A/D
conversions.
Table 13.
Peripheral current consumption at TA= 25°C
Symbol
Parameter
Conditions
Typ
Unit
IDD(RC)
RC (backup oscillator) supply current
High frequency
120
µA
Low frequency
60
µA
IDD(TIM) TIM timer supply current 1)
fMCLK=36 MHz
350
µA
IDD(BSPI) BSPI supply current 1)
1.1
mA
IDD(UART) UART supply current 1)
850
µA
IDD(I2C)
I2C supply current 1)
430
µA
IDD(ADC) ADC supply current when converting 2)
5mA
IDD(EIC)
EIC supply current
2.88
mA
IDD(CAN) CAN supply current 1)
2.95
mA
IDD(GPIO) GPIO supply current
150
µA
IDD(TB)
TB supply current
250
µA
IDD(PWM) PWM supply current
240
µA
IDD(RTC) RTC supply current
370
µA
IDD(DMA) DMA supply current
2.5
mA
IDD(ARB) Native arbiter supply current
180
µA
IDD(AHB) AHB arbiter supply current
570
µA
IDD(WUT) WUT supply current
300
µA
IDD(WIU) WIU supply current
460
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com