Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST6385 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST6385
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6385 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST6385 Datasheet HTML 18Page - STMicroelectronics ST6385 Datasheet HTML 19Page - STMicroelectronics ST6385 Datasheet HTML 20Page - STMicroelectronics ST6385 Datasheet HTML 21Page - STMicroelectronics ST6385 Datasheet HTML 22Page - STMicroelectronics ST6385 Datasheet HTML 23Page - STMicroelectronics ST6385 Datasheet HTML 24Page - STMicroelectronics ST6385 Datasheet HTML 25Page - STMicroelectronics ST6385 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
22/84
ST6365, ST6375, ST6385 ST6367, ST6377, ST6387
HARDWARE ACTIVATED DIGITAL WATCHDOG FUNCTION (Cont’d)
Hardware Activated Watchdog Register
(HWDR)
Address: D8h - Read/Write
Reset Value: 0FEh
T1-T6. These are the watchdog counter bits. It
should be noted that D7 (T1) is the LSB of the
counter and D2 (T6) is the MSB of the counter,
these bits are in the opposite order to normal.
SR. This bit is set to one during the reset phase
and will generate a software reset if cleared to ze-
ro.
C. This is the watchdog activation bit that is hard-
ware set. The watchdog function is always activat-
ed independently of changes of value of this bit.
The register reset value is FEh (Bit 1-7 set to one,
Bit 0 cleared).
Figure 18. Hardware Activated Watchdog
Working Principle
70
T1
T2
T3
T4
T5
T6
SR
C
BIT0
VA00190
BIT1
BIT2
BIT3
BIT4
BIT5
BIT6
BIT7
8-BIT
DOWN COUNTER
OSC-12
RESET
D0
D1
D2
D3
D4
D5
D6
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com