Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST6385 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST6385
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6385 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST6385 Datasheet HTML 29Page - STMicroelectronics ST6385 Datasheet HTML 30Page - STMicroelectronics ST6385 Datasheet HTML 31Page - STMicroelectronics ST6385 Datasheet HTML 32Page - STMicroelectronics ST6385 Datasheet HTML 33Page - STMicroelectronics ST6385 Datasheet HTML 34Page - STMicroelectronics ST6385 Datasheet HTML 35Page - STMicroelectronics ST6385 Datasheet HTML 36Page - STMicroelectronics ST6385 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
33/84
ST6365, ST6375, ST6385 ST6367, ST6377, ST6387
TIMERS (Cont’d)
4.2.2 Timer Status Control Registers (TSCR)
Timers 1 and 2
Address: D4h (Timer 1), DCh (Timer 2) - Read/
Write
Reset Value: 00h
TMZ. Low-to-high transition indicates that the tim-
er count register has decremented to zero. This bit
must be cleared by user software before to start
with a new count.
ETI. This bit, when set, enables the timer interrupt
(vector #3 for Timer 1, vector #2 for Timer 2 re-
quest). If ETI=0 the timer interrupt is disabled. If
ETI= 1 and TMZ= 1 an interrupt request is gener-
ated.
D5. This is the timers enable bit D5. It must be
cleared to 0 together with a set to 1 of bit D4 to en-
able Timer 1 and Timer 2 functions. It is not imple-
mented on registers TSCR2.
D4. This is the timers enable bit D4. This bit must
be set to 1 together with a clear to 0 of bit D5 to en-
able all Timers (Timer 1 and 2) functions. It is not
implemented on registers TSCR2.
PSI. Used to initialize the prescaler and inhibit its
counting while PSI = 0 the prescaler is set to 7Fh
and the counter is inhibited. When PSI = 1 the
prescaler is enabled to count downwards. As long
as PSI= 0 both counter and prescaler are not run-
ning.
PS2-PS0. These bits select the division ratio of the
prescaler register. (see Table 11)
The TSCR1 and TSCR2 registers are cleared on
reset. The correct D4-D5 combination must be
written in TSCR1 by user's software to enable the
operation of Timer 1 and 2.
Table 11. Prescaler Division Factors
4.2.3 Timer Counter Registers (TCR)
Timer Counter 1 and 2
Address: D3h (Timer Counter 1), DBh (Timer
Counter 2) - Read/Write
Reset Value: FFh
Bit 7-0 = D7-D0: Counter Bits.
4.2.4 Timer Prescaler Registers (PSCR)
Timer Prescalers 1 and 2
Address: D2h (Timer Prescaler 1), DAh (Timer
Prescaler 2) - Read/Write
Reset Value: 7Fh
Bit 7 = D7: Always read as "0".
Bit 6-0 = D6-D0: Prescaler Bits.
70
TMZ
ETI
D5
D4
PSI
PS2
PS1
PS0
D5
D4
Timers
0
0
Disabled
0
1
Enabled
1
X
Reserved
PS2
PS1
PS0
Divided By
000
1
001
2
010
4
011
8
10016
10132
11064
111
128
70
D7
D6
D5
D4
D3
D2
D1
D0
70
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com