Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST6385 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST6385
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6385 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST6385 Datasheet HTML 36Page - STMicroelectronics ST6385 Datasheet HTML 37Page - STMicroelectronics ST6385 Datasheet HTML 38Page - STMicroelectronics ST6385 Datasheet HTML 39Page - STMicroelectronics ST6385 Datasheet HTML 40Page - STMicroelectronics ST6385 Datasheet HTML 41Page - STMicroelectronics ST6385 Datasheet HTML 42Page - STMicroelectronics ST6385 Datasheet HTML 43Page - STMicroelectronics ST6385 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
40/84
ST6365, ST6375, ST6385 ST6367, ST6377, ST6387
SERIAL PERIPHERAL INTERFACE (Cont’d)
4.3.4 STD SPI Protocol (Shift Register)
This protocol is similar to the I
2C BUS with the ex-
ception that there is no acknowledge pulse and
there are no stop or start bits. The clock cannot be
slowed down by the external peripherals.
In this case all three outputs should be high in or-
der not to lock the software I/Os from functioning.
SPI Standard Bus Protocol: The standard bus pro-
tocol is selected by loading the SPI Control Regis-
ter 1 (SCR1 Add. EBh). Bit 0 named I2C must be
set at one and bit 1 named STD must be reset.
When the standard bus protocol is selected bit 2 of
the SCR1 is meaningless.
This bit named STOP bit is used only in I
2C BUS
or SBUS. However take care that THE STOP BIT
MUST BE RESET WHEN THE STANDARD PRO-
TOCOL IS USED. This bit is set to ZERO after RE-
SET.
Figure 28. Software Bus (Hardware Bus Disabled) Timing Diagram
4.3.5 SPI Data/Control Register
For I/O details on SCL (Serial Clock), SDA (Serial
Data) and SEN (Serial Enable) please refer to I/O
Ports description with reference to the following
registers:
Port C data register, Address C2h (Read/Write).
- BIT D0 “SCL”
- BIT D1 “SDA”
- BIT D3 “SEN”
Port C data direction register, Address C6h (Read/
Write).
SPI Serial Data Register (SSDR)
Address: CCh - Read/Write
Reset Value: XXh
SSDR7-0. These are the SPI data bits. They can
be neither read nor written when SPI is operating
(BUSY bit set). They are undefined after reset.
VA00453
0
234
16
7
5
IDENT (was SEN, this is optionally controlled by software; output
as far as hardware is concerned is high).
CLOCK
(was SCL)
DATA
(was SDA, TRANSMIT)
DATA
(was SDA, RECEIVE)
70
SSDR
7
SSDR
6
SSDR
5
SSDR
4
SSDR
3
SSDR
2
SSDR
1
SSDR
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com