Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST6385 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST6385
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6385 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST6385 Datasheet HTML 23Page - STMicroelectronics ST6385 Datasheet HTML 24Page - STMicroelectronics ST6385 Datasheet HTML 25Page - STMicroelectronics ST6385 Datasheet HTML 26Page - STMicroelectronics ST6385 Datasheet HTML 27Page - STMicroelectronics ST6385 Datasheet HTML 28Page - STMicroelectronics ST6385 Datasheet HTML 29Page - STMicroelectronics ST6385 Datasheet HTML 30Page - STMicroelectronics ST6385 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
27/84
ST6365, ST6375, ST6385 ST6367, ST6377, ST6387
4 ON-CHIP PERIPHERALS
4.1 I/O PORTS
The ST638x microcontrollers use three standard I/
O ports (A,B,C) with up to eight pins on each port;
refer to the device pin configurations to see which
pins are available.
Each line can be individually programmed either in
the input mode or the output mode as follows by
software.
– Output
– Input with on-chip pull-up resistor (selected by
software)
– Input without on-chip pull-up resistor (selected
by software)
Note: pins with 12V open-drain capability do not
have pull-up resistors.
In output mode the following hardware configura-
tions are available:
– Open-drain output 12V (PA4-PA7, PC4-PC7)
– Open-drain output 5V (PC0-PC3)
– Push-pull output (PA0-PA3, PB0-PB6)
The lines are organized in three ports (port A,B,C).
The ports occupy 6 registers in the data space.
Each bit of these registers is associated with a par-
ticular line (for instance, the bits 0 of the Port A Data
and Direction registers are associated with the PA0
line of Port A).
There are three Data registers (DRA, DRB, DRC),
that are used to read the voltage level values of the
lines programmed in the input mode, or to write the
logic value of the signal to be output on the lines con-
figured in the output mode. The port Data Registers
can be read to get the effective logic levels of the
pins, but they can be also written by the user soft-
ware, in conjunction with the related Data Direction
Register, to select the different input mode options.
Single-bit operations on I/O registers (bit set/reset
instructions) are possible but care is necessary be-
cause reading in input mode is made from I/O pins
and therefore might be influenced by the external
load, while writing will directly affect the Port data
register causing an undesired changes of the input
configuration. The three Data Direction registers
(DDRA, DDRB, DDRC) allow the selection of the di-
rection of each pin (input or output).
All the I/O registers can be read or written as any
other RAM location of the data space, so no extra
RAM cell is needed for port data storing and ma-
nipulation. During the initialization of the MCU, all
the I/O registers are cleared and the input mode with
pull-up is selected on all the pins thus avoiding pin
conflicts (with the exception of PC2 that is set in out-
put mode and is set high i.e. high impedance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com