Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST6385 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST6385
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6385 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST6385 Datasheet HTML 26Page - STMicroelectronics ST6385 Datasheet HTML 27Page - STMicroelectronics ST6385 Datasheet HTML 28Page - STMicroelectronics ST6385 Datasheet HTML 29Page - STMicroelectronics ST6385 Datasheet HTML 30Page - STMicroelectronics ST6385 Datasheet HTML 31Page - STMicroelectronics ST6385 Datasheet HTML 32Page - STMicroelectronics ST6385 Datasheet HTML 33Page - STMicroelectronics ST6385 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 84 page
background image
30/84
ST6365, ST6375, ST6385 ST6367, ST6377, ST6387
I/O PORTS (Cont’d)
4.1.2 I/O Pin Programming
Each pin can be individually programmed as input
or output with different input and output configura-
tions. This is achieved by writing to the relevant bit
in the data (DR) and data direction register (DDR).
Table 10 shows all the port configurations that can
be selected by the user software.
4.1.3 Input/Output Configurations
The Table 9 shows the I/O lines hardware configu-
ration for the different options.
Notes: The WAIT instruction allows the ST638x to
be used in situations where low power consump-
tion is needed. This can only be achieved however
if the I/O pins either are programmed as inputs
with well defined logic levels or have no power
consuming resistive loads in output mode. As the
same die is used for the different ST638x versions
the unavailable I/O lines of ST638x should be pro-
grammed in output mode.
Single-bit operations on I/O registers are possible
but care is necessary because reading in input
mode is made from I/O pins while writing will di-
rectly affect the Port data register causing an un-
desired changes of the input configuration.
Table 10. I/O Port Options Selection (Port C)
Note: X. Means don’t care.
4.1.4 I/O Port Registers
4.1.4.1 Data Registers
Ports A, B, C Data Register
Address: C0h (PA), C1h (PB), C2h (PC) - Read/
Write
Reset Value: 00h
PA7-PA0. These are the I/O port A data bits. Re-
set at power-on.
PB7-PB0. These are the I/O port B data bits. Re-
set at power-on.
PC7-PC0. Set to 04h at power-on. Bit 2 (PC2 pin)
is set to one (open drain therefore high imped-
ance).
4.1.4.2 Data Direction Registers
Port A, B, C Data Direction Register
Address: C4h (PA), C5h (PB), C6h (PC) - Read/
Write
Reset value:00h
PA7-PA0. These are the I/O port A data direction
bits. When a bit is cleared to zero the related I/O
line is in input mode, if bit is set to one the related
I/O line is in output mode. Reset at power-on.
PB7-PB0. These are the I/O port B data direction
bits. When a bit is cleared to zero the related I/O
line is in input mode, if bit is set to one the related
I/O line is in output mode. Reset at power-on.
PC7-PC0. These are the I/O port C data direction
bits. When a bit is cleared to zero the related I/O
line is in input mode, if bit is set to one the related
I/O line is in output mode. Set to 04h at power-on.
Bit 2 (PC2 pin) is set to one (output mode select-
ed).
DDR
DR
Mode
Option
0
0
Input
With on-chip pull-up resistor
0
1
Input
Without on-chip pull-up resistor
1
X
Output
Open-drain
70
PA/
PB/
PC7
PA/
PB/
PC6
PA/
PB/
PC5
PA/
PB/
PC4
PA/
PB/
PC3
PA/
PB/
PC2
PA/
PB/
PC1
PA/
PB/
PC0
70
PA/
PB/
PC7
PA/
PB/
PC6
PA/
PB/
PC5
PA/
PB/
PC4
PA/
PB/
PC3
PA/
PB/
PC2
PA/
PB/
PC1
PA/
PB/
PC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com