Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST6385 Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST6385
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6385 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST6385 Datasheet HTML 48Page - STMicroelectronics ST6385 Datasheet HTML 49Page - STMicroelectronics ST6385 Datasheet HTML 50Page - STMicroelectronics ST6385 Datasheet HTML 51Page - STMicroelectronics ST6385 Datasheet HTML 52Page - STMicroelectronics ST6385 Datasheet HTML 53Page - STMicroelectronics ST6385 Datasheet HTML 54Page - STMicroelectronics ST6385 Datasheet HTML 55Page - STMicroelectronics ST6385 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
52/84
ST6365, ST6375, ST6385 ST6367, ST6377, ST6387
ON-SCREEN DISPLAY (Cont’d)
Background Control Register (BCR)
Address 14h, Page 6 - Write only
Caution: This register contains at least one write
only bit. Single bit instructions (SET, RES, INC
and DEC) should not be used.
This register sets up two possible backgrounds.
The background select bit (BGS) in the format or
space character will determine which background
is selected for the current word.
R1,R0,G1,G0,B1,B0. Background Colour.These
bits define the colour of the specified background,
either background 1 or background 0 as defined in
table below.
BK1,BK0. Background Enable.These bits deter-
mine if the specified background is enabled or not.
“0” - The following word does not have a back-
ground.
“1” - There is a background around the following
word.
Table 19. Background Register Colour Setting
Character Bank Select Register (CBSR)
Address EDh, No Page - Write only
Reset Value: XXh
Caution: This register contains at least one write
only bit. Single bit instructions (SET, RES, INC
and DEC) should not be used.
D7-D1. These bits are not used
BS. Bank Select. This bit select the character bank
to be used. The lower bank is selected with 0. The
value can be modified only when the OSD is OFF
(GE=0). No reset value.
70
R1
R0
G1
G0
B1
B0
BK1
BK0
RX
GX
BX
Colour
0
0
0
Black
0
0
1
Blue
0
1
0
Green
0
1
1
Cyan
1
0
0
Red
1
0
1
Magenta
1
1
0
Yellow
1
1
1
White
70
--
--
--
-
BS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com