Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72E331 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST72E331
Description  8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72E331 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST72E331 Datasheet HTML 3Page - STMicroelectronics ST72E331 Datasheet HTML 4Page - STMicroelectronics ST72E331 Datasheet HTML 5Page - STMicroelectronics ST72E331 Datasheet HTML 6Page - STMicroelectronics ST72E331 Datasheet HTML 7Page - STMicroelectronics ST72E331 Datasheet HTML 8Page - STMicroelectronics ST72E331 Datasheet HTML 9Page - STMicroelectronics ST72E331 Datasheet HTML 10Page - STMicroelectronics ST72E331 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 107 page
background image
7/107
ST72E331 ST72T331
Table 1. ST72T331Nx Pin Description
Pin n°
QFP64
Pin n°
SDIP56
Pin Name
Type
Description
Remarks
1
49
PE4
I/O
Port E4
High Sink
2
50
PE5
I/O
Port E5
High Sink
3
51
PE6
I/O
Port E6
High Sink
4
52
PE7
I/O
Port E7
High Sink
5
53
PB0
I/O
Port B0
External Interrupt: EI2
6
54
PB1
I/O
Port B1
External Interrupt: EI2
7
55
PB2
I/O
Port B2
External Interrupt: EI2
8
56
PB3
I/O
Port B3
External Interrupt: EI2
9
1
PB4
I/O
Port B4
External Interrupt: EI3
10
2
PB5
I/O
Port B5
External Interrupt: EI3
11
3
PB6
I/O
Port B6
External Interrupt: EI3
12
4
PB7
I/O
Port B7
External Interrupt: EI3
13
5
PD0/AIN0
I/O
Port D0 or ADC Analog Input 0
14
6
PD1/AIN1
I/O
Port D1 or ADC Analog Input 1
15
7
PD2/AIN2
I/O
Port D2 or ADC Analog Input 2
16
8
PD3/AIN3
I/O
Port D3 or ADC Analog Input 3
17
9
PD4/AIN4
I/O
Port D4 or ADC Analog Input 4
18
10
PD5/AIN5
I/O
Port D5 or ADC Analog Input 5
19
11
PD6/AIN6
I/O
Port D6 or ADC Analog Input 6
20
12
PD7/AIN7
I/O
Port D7 or ADC Analog Input 7
21
13
VDDA
S
Power Supply for analog peripheral (ADC)
22
14
VSSA
S
Ground for analog peripheral (ADC)
23
VDD_3
S
Main power supply
24
VSS_3
S
Ground
25
15
PF0/CLKOUT
I/O
Port F0 or CPU Clock Output
External Interrupt: EI1
26
16
PF1
I/O
Port F1
External Interrupt: EI1
27
17
PF2
I/O
Port F2
External Interrupt: EI1
28
NC
Not Connected
29
18
PF4/OCMP1_A
I/O
Port F4 or Timer A Output Compare 1
30
NC
Not Connected
31
19
PF6/ICAP1_A
I/O
Port F6 or Timer A Input Capture 1
32
20
PF7/EXTCLK_A
I/O
Port F7 or External Clock on Timer A
33
21
VDD_0
S
Main power supply
34
22
VSS_0
S
Ground
35
23
PC0/OCMP2_B
I/O
Port C0 or Timer B Output Compare 2
36
24
PC1/OCMP1_B
I/O
Port C1 or Timer B Output Compare 1
37
25
PC2/ICAP2_B
I/O
Port C2 or Timer B Input Capture 2
38
26
PC3/ICAP1_B
I/O
Port C3 or Timer B Input Capture 1
39
27
PC4/MISO
I/O
Port C4 or SPI Master In / Slave Out Data
40
28
PC5/MOSI
I/O
Port C5 or SPI Master Out / Slave In Data
41
29
PC6/SCK
I/O
Port C6 or SPI Serial Clock
42
30
PC7/SS
I/O
Port C7 or SPI Slave Select
43
31
PA0
I/O
Port A0
External Interrupt: EI0
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com