Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72E331 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST72E331
Description  8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72E331 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST72E331 Datasheet HTML 14Page - STMicroelectronics ST72E331 Datasheet HTML 15Page - STMicroelectronics ST72E331 Datasheet HTML 16Page - STMicroelectronics ST72E331 Datasheet HTML 17Page - STMicroelectronics ST72E331 Datasheet HTML 18Page - STMicroelectronics ST72E331 Datasheet HTML 19Page - STMicroelectronics ST72E331 Datasheet HTML 20Page - STMicroelectronics ST72E331 Datasheet HTML 21Page - STMicroelectronics ST72E331 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 107 page
background image
18/107
ST72E331 ST72T331
3 CLOCKS, RESET, INTERRUPTS & POWER SAVING MODES
3.1 CLOCK SYSTEM
3.1.1 General Description
The MCU accepts either a crystal or ceramic reso-
nator, or an external clock signal to drive the inter-
nal oscillator. The internal clock (fCPU) is derived
from the external oscillator frequency (fOSC). The
external Oscillator clock is first divided by 2, and
an additional division factor of 2, 4, 8, or 16 can be
applied, in Slow Mode, to reduce the frequency of
the fCPU; this clock signal is also routed to the on-
chip peripherals. The CPU clock signal consists of
a square wave with a duty cycle of 50%.
The internal oscillator is designed to operate with
an AT-cut parallel resonant quartz crystal resona-
tor in the frequency range specified for fosc. The
circuit shown in Figure 11 is recommended when
using a crystal, and Table 5 lists the recommend-
ed capacitance and feedback resistance values.
The crystal and associated components should be
mounted as close as possible to the input pins in
order to minimize output distortion and start-up
stabilisation time.
Use of an external CMOS oscillator is recom-
mended when crystals outside the specified fre-
quency ranges are to be used.
3.1.2 External Clock
An external clock may be applied to the OSCIN in-
put with the OSCOUT pin not connected, as
shown on Figure 10.
Table 5 Recommended Values for 16 MHz
Crystal Resonator (C0 < 7pF)
RSMAX: Parasitic series resistance of the quartz
crystal (upper limit).
C0: Parasitic shunt capacitance of the quartz crys-
tal (upper limit 7pF).
COSCOUT, COSCIN: Maximum total capacitance on
pins OSCIN and OSCOUT (the value includes the
external capacitance tied to the pin plus the para-
sitic capacitance of the board and of the device).
Figure 10. External Clock Source Connections
Figure 11. Crystal/Ceramic Resonator
Figure 12. Clock Prescaler Block Diagram
RSMAX
40
Ω
60
Ω
150
Ω
COSCIN
56pF
47pF
22pF
COSCOUT
56pF
47pF
22pF
OSCIN
OSCOUT
EXTERNAL
CLOCK
NC
OSCIN
OSCOUT
COSCIN
COSCOUT
OSCIN
OSCOUT
COSCIN
COSCOUT
%2
% 2, 4, 8, 16
fCPU
to CPU and
Peripherals
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com