Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72E331 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST72E331
Description  8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72E331 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST72E331 Datasheet HTML 7Page - STMicroelectronics ST72E331 Datasheet HTML 8Page - STMicroelectronics ST72E331 Datasheet HTML 9Page - STMicroelectronics ST72E331 Datasheet HTML 10Page - STMicroelectronics ST72E331 Datasheet HTML 11Page - STMicroelectronics ST72E331 Datasheet HTML 12Page - STMicroelectronics ST72E331 Datasheet HTML 13Page - STMicroelectronics ST72E331 Datasheet HTML 14Page - STMicroelectronics ST72E331 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 107 page
background image
11/107
ST72E331 ST72T331
1.4 MEMORY MAP
Figure 7. Program Memory Map
Table 3. Interrupt Vector Map
Vector Address
Description
Remarks
FFE0-FFE1h
FFE2-FFE3h
FFE4-FFE5h
FFE6-FFE7h
FFE8-FFE9h
FFEA-FFEBh
FFEC-FFEDh
FFEE-FFEFh
FFF0-FFF1h
FFF2-FFF3h
FFF4-FFF5h
FFF6-FFF7h
FFF8-FFF9h
FFFA-FFFBh
FFFC-FFFDh
FFFE-FFFFh
Not Used
Not Used
EEPROM Interrupt Vector
SCI Interrupt Vector
TIMER B Interrupt Vector
TIMER A Interrupt Vector
SPI interrupt vector
Not Used
External Interrupt Vector EI3
External Interrupt Vector EI2
External Interrupt Vector EI1
External Interrupt Vector EI0
Not Used
Not Used
TRAP (software) Interrupt Vector
RESET Vector
Internal Interrupt
Internal Interrupt
Internal Interrupt
Internal Interrupt
Internal Interrupt
External Interrupt
External Interrupt
External Interrupt
External Interrupt
CPU Interrupt
0000h
Interrupt & Reset Vectors
HW Registers
027Fh
0080h
Short Addressing
RAM (zero page)
16-bit Addressing
RAM
007Fh
0200h / 0280h
0BFFh
Reserved
0080h
(see Table 4)
0C00h
FFDFh
FFE0h
FFFFh
(see Table 3)
027Fh
C000h
Reserved
EEPROM
256 Bytes
0CFFh
0D00h
BFFFh
00FFh
0100h
01FFh
0200h
8K Bytes
E000h
16K Bytes
Program
Short Addressing
RAM (zero page)
0080h
00FFh
01FFh
01FFh
384 Bytes RAM
512 Bytes RAM
256 Bytes Stack/
16-bit Addressing RAM
256 Bytes Stack/
16-bit Addressing RAM
0100h
Memory
Program
Memory
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com